Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 24 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 24 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 20Page - ELM Electronics ELM327P Datasheet HTML 21Page - ELM Electronics ELM327P Datasheet HTML 22Page - ELM Electronics ELM327P Datasheet HTML 23Page - ELM Electronics ELM327P Datasheet HTML 24Page - ELM Electronics ELM327P Datasheet HTML 25Page - ELM Electronics ELM327P Datasheet HTML 26Page - ELM Electronics ELM327P Datasheet HTML 27Page - ELM Electronics ELM327P Datasheet HTML 28Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
24 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
AT Command Descriptions (continued)
3 - ISO 9141-2 (5 baud init, 10.4 kbaud)
4 - ISO 14230-4 KWP (5 baud init, 10.4 kbaud)
5 - ISO 14230-4 KWP (fast init, 10.4 kbaud)
6 - ISO 15765-4 CAN (11 bit ID, 500 kbaud)
7 - ISO 15765-4 CAN (29 bit ID, 500 kbaud)
8 - ISO 15765-4 CAN (11 bit ID, 250 kbaud)
9 - ISO 15765-4 CAN (29 bit ID, 250 kbaud)
A - SAE J1939 CAN (29 bit ID, 250* kbaud)
B - USER1 CAN (11* bit ID, 125* kbaud)
C - USER2 CAN (11* bit ID, 50* kbaud)
* default settings (user adjustable)
The first protocol shown (0) is a convenient way of
telling the ELM327 that the vehicle’s protocol is not
known, and that it should perform a search. It causes
the ELM327 to try all protocols if necessary, looking for
one that can be initiated correctly. When a valid
protocol is found, and the memory function is enabled,
that protocol will then be remembered, and will
become the new default setting. When saved like this,
the automatic mode searching will still be enabled, and
the next time the ELM327 fails to connect to the saved
protocol, it will again search all protocols for another
valid one. Note that some vehicles respond to more
than one protocol - during a search, you may see more
than one type of response.
ELM327 users often use the AT SP 0 command to
reset the search protocol before starting (or restarting)
a connection. This works well, but as with any Set
Protocol command, it involves a write to EEPROM,
and an unnecessary delay (of about 30 msec) while
the write occurs. Beginning with v1.3 of the ELM327, a
write to EEPROM will no longer be performed for an
SP 0 (or an SP A0, or SP 0A) command, but the
command will still reset the protocol to 0 for you. If you
really want to change what is stored in the internal
EEPROM, you must now use the new AT SP 00
command.
If another protocol (other than 0) is selected with
this command (eg. AT SP 3), that protocol will become
the default, and will be the only protocol used by the
ELM327. Failure to initiate a connection in this
situation will result in a response such as ‘BUS INIT:
...ERROR’, and no other protocols will be attempted.
This is a useful setting if you know that your vehicle(s)
only require the one protocol, but also one that can
cause a lot of problems if you do not understand it .
SP Ah
[ Set Protocol to Auto, h ]
This variation of the SP command allows you to
choose a starting (default) protocol, while still retaining
the ability to automatically search for a valid protocol
on a failure to connect. For example, if your vehicle is
ISO 9141-2, but you want to occasionally use the
ELM327 circuit on other vehicles, you might use the
AT SP A3 command, so that the first protocol tried will
then be yours (3), but it will also automatically search
for other protocols. Don't forget to disable the memory
function if doing this, or each new protocol detected
will become your new default.
SP Ah will save the protocol information even if
the memory option is off, except for SP A0 and SP 0A
which as of v1.3 no longer performs the write (if you
need to change the EEPROM, use SP 00). Note that
the ‘A’ can come before or after the h, so AT SP A3
can also be entered as AT SP 3A.
SR hh
[Set the Receive address to hh ]
Depending on the application, users may wish to
manually set the address to which the ELM327 will
respond. Issuing this command will turn off the AR
mode, and force the IC to only accept responses
addressed to hh. Use caution with this setting, as
depending on what you set it to, you may accept a
message that was actually meant for another module,
possibly sending an IFR when you should not. To turn
off the SR filtering, simply send AT AR.
This command has limited use with CAN, as it only
monitors one byte of the ID bits, and that is not likely
selective enough for most CAN applications (the CRA
command may be a better choice). Also, the command
has no effect on the addresses used by the J1939
protocols, as the J1939 routines set their own receive
addresses based on the ID bit (header) values.
This SR command is exactly the same as the RA
command, and can be used interchangeably with it.
Note that CAN Extended Addressing does not use this
value - it uses the one set by the AT TA command.
SS
[ use the Standard Sequence for searches ]
SAE standard J1978 specifies a protocol search
order that scan tools should use. It follows the number
order that we have assigned to the ELM327 protocols.
In order to provide a faster search, the ELM327 does
not normally follow this order, but it will if you
command it to with AT SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com