Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 57 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 57 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 53Page - ELM Electronics ELM327P Datasheet HTML 54Page - ELM Electronics ELM327P Datasheet HTML 55Page - ELM Electronics ELM327P Datasheet HTML 56Page - ELM Electronics ELM327P Datasheet HTML 57Page - ELM Electronics ELM327P Datasheet HTML 58Page - ELM Electronics ELM327P Datasheet HTML 59Page - ELM Electronics ELM327P Datasheet HTML 60Page - ELM Electronics ELM327P Datasheet HTML 61Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
Programmable Parameter Summary (continued)
11
J1850 Break Signal monitor enable
(reports BUS ERROR if break signal duration limits are exceeded)
D
13
Auto search time delay between protocols 1 & 2
setting = value x 4.096 msec
16
Default ISO baud rate (AT IB default setting)
FF
(10.4K)
R
ISO wakeup message rate (AT SW default setting)
setting = value x 20.48 msec
D
18
I
24
CAN auto formatting (AT CAF default setting)
D
25
D
CAN filler byte (used to pad out messages)
00
17
Auto search time delay between protocols 4 & 5
setting = value x 4.096 msec
00
(no delay)
CAN auto flow control (AT CFC default setting)
92
(2.99 sec)
I
32
(205 msec)
00
(ON)
00
(ON)
00
(ON)
PP
Description
Values
Default
Type
00 to FF
00 to FF
00 to FF
00 to FF
00 = ON
FF = OFF
00 = 96
FF = 10
00 = ON
FF = OFF
00 = ON
FF = OFF
57 of 76
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
26
D
29
Printing of the CAN data length (DLC) when printing header bytes
(AT D0/D1 default setting)
D
FF
(OFF)
00 = ON
FF = OFF
2A
38
(00111000)
00 to FF
D
CAN Error Checking (applies to protocols 6 to C)
Each bit of this byte controls an option, as follows:
b7: ISO15765 Data Length
0: accept any
1: must be 8 bytes
b6: ISO15765 PCI=00
0: allowed
1: not allowed
b5: Search after ERR94
0: normal
1: CAN is blocked
b4: Search after LV RESET
0: normal
1: CAN is blocked
b3: Wiring Test
0: bypass
1: perform
b2: reserved for future - leave set to 0
b1: reserved for future - leave set to 0
b0: reserved for future - leave set to 0
15
Minimum inter-message time (P2) for protocols 3 to 5
setting = value x 2.2 msec
D
0A
(22 msec)
00 to FF
19
I
Time delay after protocol 5 attempt during an automatic search,
but only if protocols 3 & 4 have not yet been tried.
setting = value x 20.48 msec
28
(819 msec)
00 to FF
12
J1850 Volts (pin 3) output polarity
normal = Low output for 5V, High output for 8V
invert = High output for 5V, Low output for 8V
R
00 = invert
FF = normal
FF
(normal)
21
Default CAN Silent Monitoring setting (for AT CSM)
R
FF
(ON)
FF = ON
00 = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com