Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 3 Page - ELM Electronics

  ELM327P Datasheet HTML 1Page - ELM Electronics ELM327P Datasheet HTML 2Page - ELM Electronics ELM327P Datasheet HTML 3Page - ELM Electronics ELM327P Datasheet HTML 4Page - ELM Electronics ELM327P Datasheet HTML 5Page - ELM Electronics ELM327P Datasheet HTML 6Page - ELM Electronics ELM327P Datasheet HTML 7Page - ELM Electronics ELM327P Datasheet HTML 8Page - ELM Electronics ELM327P Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
ELM327
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Pin Descriptions
3 of 76
MCLR (pin 1)
A momentary (>2µsec) logic low applied to this input
will reset the ELM327. If unused, this pin should be
connected to a logic high (VDD) level.
Vmeasure (pin 2)
This analog input is used to measure a 0 to 5V
signal that is applied to it. Care must be taken to
prevent the voltage from going outside of the supply
levels of the ELM327, or damage may occur. If it is
not used, this pin should be tied to either VDD or VSS.
J1850 Volts (pin 3)
This output can be used to control a voltage supply
for the J1850 Bus+ output. The pin normally outputs
a logic high level when a nominal 8V is required (for
J1850 VPW), and a low level for 5V (for J1850
PWM), but this can be changed with PP 12. If this
switching
capability
is
not
required
for
your
application, this output can be left open-circuited.
J1850 Bus+ (pin 4)
This active high output is used to drive the
J1850 Bus+ Line to an active level. Note that this
signal does not have to be used for the Bus- Line (as
was the case for the ELM320), since a separate
J1850 Bus- drive output is provided on pin 14.
Memory (pin 5)
This input controls the default state of the memory
option. If this pin is at a high level during power-up or
reset, the memory function will be enabled by
default. If it is at a low level, then the default will be
to have it disabled. Memory can always be enabled
or disabled with the AT M1 and AT M0 commands.
Baud Rate (pin 6)
This input controls the baud rate of the RS232
interface. If it is at a high level during power-up or
reset, the baud rate will be set to 38400 (or the rate
that has been set by PP 0C). If at a low level, the
baud rate will always be 9600.
LFmode (pin 7)
This input is used to select the default linefeed mode
to be used after a power-up or system reset. If it is at
a high level, then by default messages sent by the
ELM327 will be terminated with both a carriage
return and a linefeed character. If it is at a low level,
lines will be terminated by a carriage return only.
This behaviour can always be modified by issuing an
AT L1 or AT L0 command.
VSS (pin 8)
Circuit common must be connected to this pin.
XT1 (pin 9) and XT2 (pin 10)
A 4.000 MHz oscillator crystal is connected between
these two pins. Loading capacitors as required by
the crystal (typically 27pF each) will also need to be
connected between each of these pins and circuit
common (Vss).
Note that this device has not been configured for
operation with an external oscillator – it expects a
crystal to be connected to these pins. Use of an
external clock source is not recommended. Also,
note that this oscillator is turned off when in the Low
Power or ‘standby’ mode of operation.
VPW In (pin 11)
This is the active high input for the J1850 VPW data
signal. When at rest (bus recessive) this pin should
be at a low logic level. This input has Schmitt trigger
wave
shaping,
so
no
special
amplification
is
required.
ISO In (pin 12)
This is the active low input for the ISO 9141 and
ISO 14230 data signal. It is derived from the K Line,
and should be at a high logic level when at rest (bus
recessive). No special amplification is required, as
this input has Schmitt trigger wave shaping.
PWM In (pin 13)
This is the active low input for the J1850 PWM data
signal. It should normally be at a high level when at
rest (ie. bus recessive). This input has Schmitt
trigger wave shaping, so no special amplification is
required.
J1850 Bus- (pin 14)
This active high output is used to drive the J1850
Bus- Line to an active (dominant) level for J1850
PWM applications. If unused, this output can be left
open-circuited.
ELM327DSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com