Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 6 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 2Page - ELM Electronics ELM327P Datasheet HTML 3Page - ELM Electronics ELM327P Datasheet HTML 4Page - ELM Electronics ELM327P Datasheet HTML 5Page - ELM Electronics ELM327P Datasheet HTML 6Page - ELM Electronics ELM327P Datasheet HTML 7Page - ELM Electronics ELM327P Datasheet HTML 8Page - ELM Electronics ELM327P Datasheet HTML 9Page - ELM Electronics ELM327P Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
Electrical Characteristics
6 of 76
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Notes:
1. This integrated circuit is based on Microchip Technology Inc.’s PIC18F2480 device. For more detailed
device specifications, and possibly clarification of those given, please refer to the Microchip documentation
(available at http://www.microchip.com/).
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells or some charge pump circuits.
3. This is the time between when the AT RV command is received, and when the voltage reading response
begins.
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply voltage, VDD
4.5
5.0
5.5
V
VDD rate of rise
0.05
V/ms
Average current, IDD
12
mA
Input logic levels
0.8
3.0
V
Output low voltage
Output high voltage
current (sink) = 10 mA
current (source) = 10 mA
see note 2
see note 3
ELM327 device only - does not
include any load currents
Schmitt trigger
input thresholds
Brown-out reset voltage
4.11
4.33
4.55
V
rising
falling
A/D conversion time
9
msec
Pins 5, 6, 7, and 24 only
V
V
0.3
4.4
V
V
2.9
1.5
Pins 1, 11, 12, 13, 15 and 18 only
1.0
4.0
ELM327
IgnMon debounce time
AT LP to PwrCtrl output time
LP ALERT to PwrCtrl output time
2.0
sec
msec
sec
50
1.0
0.15
mA
normal
low power
Pin 18 low level pulse duration to
wake the IC from Low Power mode
µsec
128
-
65
low
high
V
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com