Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 42 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 42 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 38Page - ELM Electronics ELM327P Datasheet HTML 39Page - ELM Electronics ELM327P Datasheet HTML 40Page - ELM Electronics ELM327P Datasheet HTML 41Page - ELM Electronics ELM327P Datasheet HTML 42Page - ELM Electronics ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics ELM327P Datasheet HTML 45Page - ELM Electronics ELM327P Datasheet HTML 46Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
42 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Multiline Responses
There are occasions when a vehicle must respond
with more information than one ‘message’ is able to
show. In these cases, it responds with several lines
which the receiver must assemble into one complete
message.
One example of this is a request for the 17 digit
vehicle identification number, or VIN. This is available
from newer vehicles using a mode 09, PID 02 request
(but was not initially a requirement, so many older
vehicles do not support it). Here is one example of a
response that might be obtained from a J1850 vehicle:
>0902
49 02 01 00 00 00 31
49 02 02 44 34 47 50
49 02 03 30 30 52 35
49 02 04 35 42 31 32
49 02 05 33 34 35 36
The first two bytes (49 and 02) on each line of the
response are used to show that the information is in
reply to an 09 02 request. The next byte shows which
response it is, while the remaining four bytes are the
data bytes that are being sent. Assembling the data in
the order specified by the third byte, and ignoring the
first few 00’s (they are filler bytes - see J1979) gives:
31 44 34 47 50 30 30 52 35 35 42 31
32 33 34 35 36
The data values actually represent the ASCII
codes for the digits of the VIN. Using an ASCII table to
convert these into characters gives the following VIN
for the vehicle:
1 D 4 G P 0 0 R 5 5 B 1 2 3 4 5 6
CAN systems will display this information in a
somewhat different fashion. Here is a typical response
from a CAN vehicle:
>0902
014
0: 49 02 01 31 44 34
1: 47 50 30 30 52 35 35
2: 42 31 32 33 34 35 36
The CAN Formatting has been left on (the default),
making the reading of the data easier. With formatting
on, the sequence numbers are shown with a colon (‘:’)
after each. CAN systems add this single hex digit (it
goes from 0 to F then repeats), to aid in reassembling
the data, instead of the byte value that the J1850
vehicle did.
The first line of this response says that there are
014 bytes of information in total. That is 14 in hex, or
20 in decimal terms, which agrees with the 6 + 7 + 7
bytes shown on the three lines. The VIN numbers are
generally 17 digits long, however, so how do we
assemble the number from 20 digits?
This is done by discarding the first three bytes of
the message. The first two are the familiar 49 02, as
this is a response to an 09 02 request, so are not part
of the VIN. The third byte (the ‘01’), tells the number of
data items that are to follow (the vehicle can only have
one VIN, and this agrees with that). Ignoring the third
byte leaves 17 data bytes which are the serial number
(purposely chosen to be identical to the those of the
previous example). All that is needed is a conversion
to ASCII, in order to read them, exactly as before.
From these two examples, you can see that the
format of the data received may depend on the
CAN Messages and Filtering (continued)
12th bit, so you do not need to take special care with
it.
With a little practice, these commands are fairly
easy to master. Initially, try entering the filter and mask
values, then use a command such as AT MA to see
what the results are. The ELM327 knows that you are
trying to filter, and combines the effects of both
commands (it will do that for MR and MT as well). The
MA, MR and MT commands all have the extra benefit
that while they are in effect, the ELM327 will remain
quiet, not sending acknowledgement or error signals,
so anything you do while monitoring should not disrupt
other devices that are on the bus.
Note that if a filter has been set, it will be used for
all CAN messages, so setting filters and masks may
cause standard OBD requests to be ignored, and you
may begin seeing ‘NO DATA’ replies. If this happens,
and you are unsure of why, you may want to reset
everything to the default values (with AT D or possibly
AT WS) and start over.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com