Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 62 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 62 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 58Page - ELM Electronics ELM327P Datasheet HTML 59Page - ELM Electronics ELM327P Datasheet HTML 60Page - ELM Electronics ELM327P Datasheet HTML 61Page - ELM Electronics ELM327P Datasheet HTML 62Page - ELM Electronics ELM327P Datasheet HTML 63Page - ELM Electronics ELM327P Datasheet HTML 64Page - ELM Electronics ELM327P Datasheet HTML 65Page - ELM Electronics ELM327P Datasheet HTML 66Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
62 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Power Control
Often, the ELM327 is connected to a vehicle for
only a short time, so power consumption is not of great
concern. Occasionally, the ELM327 may be connected
for longer times, however, possibly without the engine
running. For these applications, it is often desirable to
be able to put the circuit into a low power ‘standby’
state, and have it return to normal operation when
needed. The new power control features of the
ELM327 were introduced for this.
There are three ways in which the ELM327 can be
placed into the low power standby mode (shown
pictorially in Figure 6 below). None of the three will
work without having the master enable (ie bit 7 of
PP 0E) set to ‘1’, which it is by default.
The first method is with an AT command. You may
simply send:
>AT LP
and the IC will go to the low power mode after a one
second delay (which allows the controlling circuit a
little time to perform some housekeeping tasks).
At the end of the delay, all of the ELM327 outputs
go to their recessive/off state, the pin 3 control for the
J1850 voltage will go low, and the pin 16 control output
will reverse its state. The ELM327 will then reduce its
power level, and begin monitoring for inputs that would
cause a shift back to full power.
The next method allows automatic switching to the
low power mode when there has been no RS232 input
for a period of time - a good backup for your low power
strategy. To enable this method, both b7 and b5 of
PP 0E must be set to ‘1’. The time delay (either 5 or 20
minutes) is set by b4, and the printing of a warning is
enabled with b3. The warning is handy in some cases
– it is the activity alert message (‘ACT ALERT’) and is
sent 1 minute before the timer is about to time out.
When the timer does time out, you will see a low
power alert warning (‘LP ALERT’), and then 2 seconds
later, all of the outputs will change as described above
for the AT LP command.
The final method to enter the low power mode is
by a low level appearing at the ignition monitor input
(pin 15 - IgnMon), when both b7 and b2 of PP 0E are
set to ‘1’, allowing it.
The ignition monitor method uses a short internal
delay (‘debounce’) to be sure that the low level is a
legitimate ‘key off’ and not just some noise. After it is
sure, the ELM327 will then send a low power alert
message (‘LP ALERT’), and 2 seconds later it will
Figure 6. Enabling the Low Power Mode
debounce
circuit
AT LP
command
IgnMon
(pin 15)
1 sec
delay
5 min or 20 min
time delay on pick up
(fast reset)
b4
RS232 Rx
(pin 18)
idle (at prompt),
waiting for input
b7
b5
b3
1 min
remaining
print
ACT ALERT
b7
b2
print
LP ALERT
b7
Go to Low Power
• pin 16 = b6
• LEDs off
• pin 3 = 0V
• µP to low power
2 sec
delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com