Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 55 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 55 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 51Page - ELM Electronics ELM327P Datasheet HTML 52Page - ELM Electronics ELM327P Datasheet HTML 53Page - ELM Electronics ELM327P Datasheet HTML 54Page - ELM Electronics ELM327P Datasheet HTML 55Page - ELM Electronics ELM327P Datasheet HTML 56Page - ELM Electronics ELM327P Datasheet HTML 57Page - ELM Electronics ELM327P Datasheet HTML 58Page - ELM Electronics ELM327P Datasheet HTML 59Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
Programmable Parameters (continued)
55 of 76
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327
recourse may be to force all of the PPs off with a
hardware trick.
When the ELM327 first powers up, it looks for a
jumper between pin 28 (the OBD Tx LED output) and
circuit common (VSS). If a jumper is in place, it will turn
off all of the PPs for you, restoring the IC to the factory
defaults. To use this feature, simply connect a jumper
to circuit common (which appears in numerous places
- pins 8 or 19 of the ELM327, pin 5 of the RS232
connector, one end of most capacitors, or at the OBD
connector), then hold the other end of the jumper to
pin 28 while turning the power on. When you see the
RS232 Rx LED begin to flash quickly, remove the
jumper – the PPs are off.
This feature should only be used when you get
into trouble too deeply, and it’s your only choice (since
putting jumpers into a live circuit might cause damage
if you put it into the wrong place). As well, it is only
available beginning with version 1.2 of the IC, and can
not be used with any previous versions.
06
OBD Source (Tester) Address. Not used for J1939 protocols.
F1
R
07
I
Last Protocol to try during automatic searches
09
PP
Description
Values
Default
Type
01
Printing of header bytes (AT H default setting)
D
02
Allow long messages (AT AL default setting)
D
03
NO DATA timeout time (AT ST default setting)
setting = value x 4.096 msec
00 to FF
32
(205 msec)
D
09
Character echo (AT E default setting)
R
0A
Linefeed Character
0A
R
00
Perform AT MA after powerup or reset
FF
(OFF)
R
00
(ON)
00 = ON
FF = OFF
00 to FF
01 to 0C
00 to FF
FF
(OFF)
FF
(OFF)
00 to 02
01
D
04
Default Adaptive Timing mode (AT AT setting)
00 = ON
FF = OFF
00 = ON
FF = OFF
00 = ON
FF = OFF
Programmable Parameter Summary
The following pages provide a list of the currently
available Programmable Parameters. Note that the
‘Type’ column indicates when changes will take effect.
Possible values are:
I - the effect is Immediate,
D - takes effect after Defaults are restored
(AT D, AT Z, AT WS, MCLR or power off/on)
R - takes effect after a Reset
(AT Z, AT WS, MCLR or power off/on)
P - needs a Power off/on type reset
(AT Z, MCLR, or power off/on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com