Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 46 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 46 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 42Page - ELM Electronics ELM327P Datasheet HTML 43Page - ELM Electronics ELM327P Datasheet HTML 44Page - ELM Electronics ELM327P Datasheet HTML 45Page - ELM Electronics ELM327P Datasheet HTML 46Page - ELM Electronics ELM327P Datasheet HTML 47Page - ELM Electronics ELM327P Datasheet HTML 48Page - ELM Electronics ELM327P Datasheet HTML 49Page - ELM Electronics ELM327P Datasheet HTML 50Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
ELM327
Altering Flow Control Messages
46 of 76
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ISO 15765-4 (CAN) provides for only eight data
bytes per frame of data. Of course, there are many
cases where the data which needs to be sent is longer
than 8 bytes, and CAN has made provision for this by
allowing data to be separated into segments, then
recombined at the receiver.
To send one of these multi-line messages, the
transmitter in a CAN system will send a ‘First Frame’
message, and then wait for a reply from the receiver.
This reply, called a ‘Flow Control’ message contains
information concerning acceptable message timing,
etc., and is required to be sent before the transmitter
will send any more data. For ISO 15765-4, the type of
response is well defined, and never changes. The
ELM327 will automatically send this ISO 15765-4 Flow
Control response for you as long as the CAN Flow
Control option is enabled (CFC1), which it is by
default.
Several users have requested that we provide
more flexibility over the data sent in the Flow Control
message, and as of v1.1, we have provided a means
to do this. In order to change how the ELM327
responds when it needs to send a Flow Control
message, you need to change Flow Control ‘modes’.
The default Flow Control mode is number ‘0’. At
any time while you are experimenting, if you should
wish to restore the automatic Flow Control responses
(for ISO 15765-4), simply set the mode to 0:
>AT FC SM 0
OK
This will immediately restore the responses to their
default settings.
Mode 1 has been provided for those that need
complete control over their Flow Control messages. To
use it, simply define the CAN ID (header) and data
bytes that you require be sent in response to a First
Frame message. Note that if you try to set the mode
before defining these values, you will get an error:
>AT FC SM 1
?
You must set the headers and data first:
>AT FC SH 7E8
OK
>AT FC SD 00 11 22
OK
and then you can set the mode:
>AT FC SM 1
OK
From this point on, every First Frame message
received will be responded to with the custom
message that you have defined (7E8 00 11 22 in this
example).
The third mode currently supported allows the
user to set the data bytes which are to be sent, but not
the ID bits. The ID bits (header bytes) in mode 2 are
set to those which were received in the First Frame
message, without change. To use this mode, first
define your data bytes, then activate the mode:
>AT FC SD 00 11 22
OK
>AT FC SM 2
OK
For most people, there will be little need to
manipulate these ‘Flow Control’ messages, as the
defaults are designed to work with the CAN OBD
standards. If you wish to experiment, these special AT
commands offer that control for you.
The following chart summarizes the currently
supported flow control modes:
ELM327
Provides
FC
Mode
0
1
2
ID Bits &
Data Bytes
User
Provides
ID Bits
Data Bytes
no values
no values
ID Bits &
Data Bytes
Flow Control Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com