Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 13 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 13 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 9Page - ELM Electronics ELM327P Datasheet HTML 10Page - ELM Electronics ELM327P Datasheet HTML 11Page - ELM Electronics ELM327P Datasheet HTML 12Page - ELM Electronics ELM327P Datasheet HTML 13Page - ELM Electronics ELM327P Datasheet HTML 14Page - ELM Electronics ELM327P Datasheet HTML 15Page - ELM Electronics ELM327P Datasheet HTML 16Page - ELM Electronics ELM327P Datasheet HTML 17Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
13 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ones that have the Tester Address in the first byte
position (in addition to requiring that ID bits match the
patterns set by AT CF and CM, or CRA). The AT CEA
hh command can be sent at any time, and changes
are effective immediately, allowing for changes of the
address
‘on-the-fly’.
There
is
a
more
lengthy
discussion of extended addressing in the ‘Using CAN
Extended Addresses’ section on page 47.
The CEA mode of operation is off by default, and
once on, can be turned off at any time by sending AT
CEA, with no address. Note that the CEA setting has
no effect when J1939 formatting is on.
CF hhh
[ set the CAN ID Filter to hhh ]
The CAN Filter works in conjunction with the CAN
Mask to determine what information is to be accepted
by the receiver. As each message is received, the
incoming CAN ID bits are compared to the CAN Filter
bits (when the mask bit is a ‘1’). If all of the relevant
bits match, the message will be accepted, and
processed by the ELM327, otherwise it will be
discarded. This three nibble version of the CAN Filter
command makes it a little easier to set filters with 11
bit ID CAN systems. Only the rightmost 11 bits of the
provided nibbles are used, and the most significant bit
is ignored. The data is actually stored as four bytes
internally however, with this command adding leading
zeros for the other bytes. See the CM command(s) for
more details.
CF hh hh hh hh [ set the CAN ID Filter to hhhhhhhh ]
This command allows all four bytes (actually 29
bits) of the CAN Filter to be set at once. The 3 most
significant bits will always be ignored, and may be
given any value. This command may be used to enter
11 bit ID filters as well, since they are stored in the
same locations internally (entering AT CF 00 00 0h hh
is exactly the same as entering the shorter AT CF hhh
command).
CFC0 and CFC1
[ CAN Flow Control off or on ]
The ISO 15765-4 CAN protocol expects a ‘Flow
Control’ message to always be sent in response to a
‘First Frame’ message, and the ELM327 automatically
sends these without any intervention by the user. If
experimenting with a non-OBD system, it may be
desirable to turn this automatic response off, and the
AT CFC0 command has been provided for that
purpose. The default setting is CFC1 - Flow Controls
on.
Note that during monitoring (AT MA, MR, or MT),
there are never any Flow Controls sent no matter what
the CFC option is set to.
CM hhh
[ set the CAN ID Mask to hhh ]
There can be a great many messages being
transmitted in a CAN system at any one time. In order
to limit what the ELM327 views, there needs to be a
system of filtering out the relevant ones from all the
others. This is accomplished by the filter, which works
in conjunction with the mask. A mask is a group of bits
that show the ELM327 which bits in the filter are
relevant, and which ones can be ignored. A ‘must
match’ condition is signalled by setting a mask bit to
'1', while a 'don't care' is signalled by setting a bit to '0'.
This three digit variation of the CM command is used
to provide mask values for 11 bit ID systems (the most
significant bit is always ignored).
Note that a common storage location is used
internally for the 29 bit and 11 bit masks, so an 11 bit
mask could conceivably be assigned with the next
command (CM hh hh hh hh), should you wish to do the
extra typing. The values are right justified, so you
would need to provide five leading zeros followed by
the three mask bytes.
CM hh hh hh hh [ set the CAN ID Mask to hhhhhhhh ]
This command is used to assign mask values for
29 bit ID systems. See the discussion under the
CM hhh command as it is essentially identical, except
for the length. Note that the three most significant bits
that you provide in the first digit will be ignored.
CP hh
[ set CAN Priority bits to hh ]
This command is used to assign the five most
significant bits of the 29 bit CAN ID that is used for
sending messages (the other 24 bits are set with the
AT SH command). Many systems use these bits to
assign a priority value to messages, and to determine
the protocol. Any bits provided in excess of the five
required are ignored, and not stored by the ELM327 (it
only uses the five least significant bits of this byte).
The default value for these priority bits is hex 18,
which can be restored at any time with the AT D
command.
AT Command Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com