Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 14 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 14 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 10Page - ELM Electronics ELM327P Datasheet HTML 11Page - ELM Electronics ELM327P Datasheet HTML 12Page - ELM Electronics ELM327P Datasheet HTML 13Page - ELM Electronics ELM327P Datasheet HTML 14Page - ELM Electronics ELM327P Datasheet HTML 15Page - ELM Electronics ELM327P Datasheet HTML 16Page - ELM Electronics ELM327P Datasheet HTML 17Page - ELM Electronics ELM327P Datasheet HTML 18Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
14 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
CRA
[reset the CAN Rx Addr]
The AT CRA command is used to restore the CAN
receive filters to their default values. Note that it does
not have any arguments (ie no data).
CRA hhh
[set the CAN Rx Addr to hhh]
Setting the CAN masks and filters can be difficult
at times, so if you only want to receive information
from one address (ie. one CAN ID), then this
command may be very welcome. For example, if you
only want to see information from 7E8, simply send AT
CRA 7E8, and the ELM327 will make the necessary
adjustments to both the mask and the filter for you.
Note that this command restricts viewing to only
the one ID - to allow reception of a range of IDs, you
must set the mask and filter independently (described
in detail on page 41). To reverse the changes made by
the CRA command, simply send AT CRA or AT AR.
CRA hhhhhhhh [set the CAN Rx Addr to hhhhhhhh]
This command is identical to the previous one,
except that it is used to set 29 bit CAN IDs, instead of
11. Sending either AT CRA or AT AR will also reverse
the changes made by this command.
CS
[ show the CAN Status counts ]
The CAN protocol requires that statistics be kept
regarding the number of transmit and receive errors
detected. If there should be a significant number of
errors (due to a hardware or software problem), the
device will go off-line in order to not affect other data
on the bus. The AT CS command lets you see both
the transmitter (Tx) and the receiver (Rx) error counts,
in hexadecimal. If the transmitter should be off (count
>FF), you will see ‘OFF’ rather than a specific count.
CSM0 and CSM1
[ CAN Silent Monitoring off or on ]
The ELM327 was designed to be completely silent
while monitoring a CAN bus. Because of this, it is able
to report exactly what it sees, without colouring the
information in any way. Occasionally (when bench
testing, or when connecting to a dedicated CAN port),
it may be preferred that the ELM327 does not operate
silently (ie generates ACK bits, etc.), and this is what
the CSM command is for. CSM1 turns it on, CSM0
turns it off, and the default value is determined by
PP 21. Be careful when experimenting with this. If you
should choose the wrong baud rate then monitor the
CAN bus with the silent monitoring off, you will disturb
the flow of data. Always keep the silent monitoring on
until you are certain that you have chosen the correct
baud rate.
CV dddd
[ Calibrate the Voltage to dd.dd volts ]
The voltage reading that the ELM327 shows for an
AT RV request can be calibrated with this command.
The argument (‘dddd’) must always be provided as 4
digits, with no decimal point (it assumes that the
decimal place is between the second and the third
digits).
To use this feature, simply use an accurate meter
to read the actual input voltage, then use the CV
command to change the internal calibration (scaling)
factor. For example, if the ELM327 shows the voltage
as 12.2V while you measure 11.99 volts, then send
AT CV 1199 and the ELM327 will recalibrate itself for
that voltage (it will actually read 12.0V due to digit
roundoff). See page 27 for some more information on
how to read voltages and perform the calibration.
CV 0000
[ restore the factory Calibration Value ]
If you are experimenting with the CV dddd
command but do not have an accurate voltmeter as a
reference, you may soon get into trouble. If this
happens, you can always send AT CV 0000 to restore
the ELM327 to the original calibration value.
D
[ set all to Defaults ]
This command is used to set the options to their
default (or factory) settings, as when power is first
applied. The last stored protocol will be retrieved from
memory, and will become the current setting (possibly
closing other protocols that are active). Any settings
that the user had made for custom headers, filters, or
masks will be restored to their default values, and all
timer settings will also be restored to their defaults.
D0 and D1
[ display of DLC off or on ]
Standard CAN (ISO 15765-4) OBD requires that
all messages have 8 data bytes, so displaying the
number of data bytes (the DLC) is not normally very
useful. When experimenting with other protocols,
however, it may be useful to be able to see what the
data lengths are. The D0 and D1 commands control
AT Command Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com