Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 64 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 64 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 60Page - ELM Electronics ELM327P Datasheet HTML 61Page - ELM Electronics ELM327P Datasheet HTML 62Page - ELM Electronics ELM327P Datasheet HTML 63Page - ELM Electronics ELM327P Datasheet HTML 64Page - ELM Electronics ELM327P Datasheet HTML 65Page - ELM Electronics ELM327P Datasheet HTML 66Page - ELM Electronics ELM327P Datasheet HTML 67Page - ELM Electronics ELM327P Datasheet HTML 68Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
A very common question that we receive is ‘Can I
connect the ELM327 directly to my own circuit, or must
I use the RS232 interface shown?’ Certainly you may
connect directly to our ICs, and you do not need to use
an RS232 interface. There are a few items to consider,
however.
The ELM327 is actually a microprocessor that
contains a standard UART type interface, connected to
the RS232 Tx and Rx pins. The logic type is CMOS,
and this is compatible with virtually all 5V TTL and
CMOS circuits, so you should be able to connect
directly to these pins provided that the two devices
share the same power supply (5V), and that they are
not physically more than about 10 to 20 inches apart
(CMOS circuits are subject to latchup from induced
currents, which may be a problem if you have long
leads).
The normal (idle) levels of the ELM327 transmit
and receive pins are at the VDD (5V) level. Most
microprocessors and RS232 interface ICs expect that
to be the idle level, but you should verify it for your
microprocessor before connecting to the ELM327. The
connections are straightforward - transmit connects to
receive, and receive connects to transmit, as shown
below. Don’t forget to set both devices to the same
baud rate.
The ELM327 also provides a hand-shaking feature
that may simplify the flow of data for you. The interface
64 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
consists of two pins - an input an an output. The input
is called ‘request to send’ (RTS), and it is used to
interrupt the ELM327, just the same as tapping a key
on the keyboard when using a terminal program. The
output pin (‘Busy’) is used by the ELM327 to tell your
system that it is processing data.
To use the handshaking feature, set one of your
port pins to normally provide a high output, and
connect it to the RTS input (pin 15). Use another port
pin as an input to monitor the ELM327 Busy output
(pin 16). When you want to send a command, simply
check the Busy output first. If it is at a high logic level,
then either wait for it to go low, or if you need to
interrupt the IC, then bring the RTS line low and wait
for the Busy line to go low. (You might want to
consider using an edge triggered interrupt on the Busy
output, if one is available). When Busy does go low,
restore your RTS line to a high level, and then send
your command to the ELM327. No need to worry
about the ELM327 becoming busy again after you
raise the RTS line at this point – once Busy goes low,
the ELM327 will wait (indefinitely) for your command.
If you do not use the RTS input on the ELM327, it
must be connected to a high logic level, as shown
below.
Microprocessor Interfaces
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
+5V
X1
4.00MHz
C4
27pF
R27-30
470
Ω
+5V
C3
27pF
+5V
+5V
to
R15
to
R21
n.c.
+5V
327
L1-L4
your microprocessor
Tx
Rx
Tx
Rx
The ELM327 and your
microprocessor must
use the same 5V supply
Busy RTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com