Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327P Datasheet(PDF) 73 Page - ELM Electronics

Part # ELM327P
Description  OBD to RS232 Interpreter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P Datasheet(HTML) 73 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 68Page - ELM Electronics ELM327P Datasheet HTML 69Page - ELM Electronics ELM327P Datasheet HTML 70Page - ELM Electronics ELM327P Datasheet HTML 71Page - ELM Electronics ELM327P Datasheet HTML 72Page - ELM Electronics ELM327P Datasheet HTML 73Page - ELM Electronics ELM327P Datasheet HTML 74Page - ELM Electronics ELM327P Datasheet HTML 75Page - ELM Electronics ELM327P Datasheet HTML 76Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
ERRxx
There are a number of internal errors that might be
reported as ERR with a two digit code following. These
occur if an internally monitored parameter is found to
be out of limits, or if a module is not responding
correctly. If you witness one of these, contact Elm
Electronics for advice.
One error that is not necessarily a result of an
internal problem is ERR94. This code represents a
‘fatal CAN error’, and may be seen if there are CAN
network issues (some non-CAN vehicles may use pins
6 and 14 of the connector for other functions, and this
may cause problems). If you see an ERR94, it means
that the CAN module was not able to reset itself, and
needed a complete IC reset to do so. You will need to
restore any settings that you had previously made, as
they will have been returned to their default values.
Beginning with v1.3a of this IC, an ERR94 will also
block further automatic searches through the CAN
protocols, if bit 5 of PP 2A is a ‘1’ (it is by default). This
is done because most ERR94s will be as a result of
serious CAN wiring problems. Blocking of the CAN
protocols remains in effect until the next power off and
on, or until an AT FE is sent.
FB ERROR
When an OBD output is energized, a check is
always made to ensure that the signal also appears at
the respective input. If there is a problem, and no
active input is detected, the IC turns the output off and
declares that there was a problem with the FeedBack
(FB) of the signal.
If this is an initial trial with your
ELM327, this is almost certainly a wiring problem.
Check your wiring before proceeding.
LP ALERT
This appears as a warning that the ELM327 is
about to switch to the Low Power (standby) mode of
operation in 2 seconds time. This delay is provided to
allow an external controller enough time to prepare for
the change in state. No inputs or voltages on pins can
stop this action once initiated.
LV RESET
The ELM327 continually monitors the 5V supply to
ensure that it is within acceptable limits. If the voltage
should go below the low limit, a ‘brownout reset’ circuit
is activated, and the IC stops all activity. When the
Error Messages and Alerts (continued)
voltage returns to normal, the ELM327 performs a full
reset, and then prints LV RESET. Note that this type of
reset is exactly the same as an AT Z or MCLR reset
(but it does not print ELM327 v1.4b).
Beginning with v1.3a of this IC, an LV RESET will
also block any automatic searches through the CAN
protocols, if bit 4 of PP 2A is a ‘1’ (it is by default). This
is done because most LV RESETs will be as a result
of overloads due to CAN wiring problems, if they
should start occurring suddenly. Blocking of the CAN
protocols is only done until the next reset (AT Z, WS,
etc.) or until an AT FE is sent.
NO DATA
The IC waited for the period of time that was set
by AT ST, and detected no response from the vehicle.
It may be that the vehicle had no data to offer for that
particular PID, that the mode requested was not
supported, that the vehicle was attending to higher
priority issues, or in the case of the CAN systems, the
filter may have been set so that the response was
ignored, even though one was sent. If you are certain
that there should have been a response, try increasing
the ST time (to be sure that you have allowed enough
time for the ECU to respond), or restoring the CAN
filter to its default setting.
<RX ERROR
An error was detected in the received CAN data.
This most often occurs if monitoring a CAN bus using
an incorrect baud rate setting, but it may occur if
monitoring and there are messages found that are not
being acknowledged, or that contain bit errors. The
entire message will be displayed as it was received (if
you have filters set, the received message may not
agree with the filter setting). Try a different protocol, or
a different baud rate.
STOPPED
If any OBD operation is interrupted by a received
RS232 character, or by a low level on the RTS pin, the
ELM327 will print the word STOPPED. If you should
see this response, then something that you have done
has interrupted the ELM327. Note that short duration
pulses on pin 15 may cause the STOPPED message
to be displayed, but may not be of sufficient duration to
cause a switch to Low Power operation.
Version 1.3 of the ELM327 first introduced this
73 of 76
ELM327
ELM327DSH
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com