Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5744P Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 114 page
background image
Introduction
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Introduction
1.1
Feature list
Table 1 summarizes major features of the MPC5744P device. The feature column represents a
combination of module names and capabilities of certain modules.
Table 1. MPC5744P feature summary
Feature
Details
CPU
Power Architecture
2 x e200z4 in delayed lock step
Architecture
Harvard
Execution Speed
0 MHz to TBD (design target: 180 MHz or greater) (+2% FM)
Embedded FPU
Yes
Core MPU
24 regions
Instruction Set PPC
No
Instruction Set VLE
Yes
Instruction cache
8 KB, EDC
Data cache
4 KB, EDC
Data local memory
64 KB, ECC
System MPU
Yes (16 regions)
Buses
Core bus
AHB, 32-bit address, 64-bit data, e2e ECC
Internal periphery bus
32-bit address, 32-bit data
Crossbar
Master x slave ports
4 x 5
Memory
Code/data flash memory
2.5 MB, ECC, RWW
Data flash memory
Supported with RWW
SRAM
384 KB, ECC
Modules
Interrupt controller
32 interrupt priority levels, 16 software programmable interrupts
PIT
1 module with 4 channels
System Timer Module (STM)
1 module with 4 channels
Software Watchdog Timer (SWT)
Yes
eDMA
32 channels, in delayed lock step
FlexRay
1 module with 64 message buffer, dual channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com