Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
93
Figure 23. JTAG boundary scan timing
3.17.3.2
Nexus timing
Table 41. Nexus debug port timing1
No.
Symbol
C
Parameter
Conditions Min
Max
Unit
1tMCYC
CC
D
MCKO Cycle Time
—
15.6
—
ns
2tMDC
CC
D
MCKO Duty Cycle
—
40
60
%
3tMDOV
CC
D
MCKO Low to MDO, MSEO, EVTO Data Valid2
—–0.1
0.25 tMCYC
4tEVTIPW
CC
D
EVTI Pulse Width
—
4.0
—
tTCYC
5tEVTOPW
CC
D
EVTO Pulse Width
—
1
tMCYC
6tTCYC
CC
D
TCK Cycle Time3
—62.5
—
ns
7tTDC
CC
D
TCK Duty Cycle
—
40
60
%
8tNTDIS, tNTMSS CC
D
TDI, TMS Data Setup Time
—
8
—
ns
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com