Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
84
The considerations above lead to impose new constraints on the external circuit, to reduce the accuracy
error due to the voltage drop on CS; from the two charge balance equations above, it is simple to derive
Equation 16 between the ideal and real sampled voltage on CS:
Eqn. 16
From this formula, in the worst case (when VA is maximum, that is for instance 5 V), assuming to accept
a maximum error of half a count, a constraint is evident on CF value:
Eqn. 17
Table 32. ADC conversion characteristics
Symbol
C
Parameter
Conditions1
Min
Typ
Max
Unit
fCK
SR — ADC Clock frequency (depends on ADC
configuration)
(The duty cycle depends on AD_CK2
frequency)
—20
—
80
MHz
fs
SR — Sampling frequency
—
—
—
1.00
MHz
tsample
CC
D
Sample time3
80 MHz@200 Ohm source
impedance
275
—
—
ns
tconv
CC
D
Conversion time4
80 MHz
650
—
—
ns
CS
5
CC
D
ADC input sampling capacitance
—
—
3
5
pF
CP1
5
CC
D
ADC input pin capacitance 1 - TBD not in ADC
spec
——
—
5(6)
pF
CP2
5
CC
D
ADC input pin capacitance 2 - TBD not in ADC
spec
——
—
0.8
pF
RSW1
5
CC
D
Internal resistance of analog source - TBD not
in ADC spec
VREF range = 4.5 to 5.5 V
—
—
0.3
k
Ω
CC
VREF range = 3.0 to 3.6 V
—
—
875
Ω
RAD
5
CC
D
Internal resistance of analog source - TBD not
in ADC spec
—
—
—
825
Ω
INL
CC
D
Integral non linearity
—
–2
—
2
LSB
DNL
CC
D
Differential non linearity7
—–1
—
1
LSB
OFS
CC
T
Offset error
—
–4
—
4
LSB
GNE
CC
T
Gain error
—
–4
—
4
LSB
Input (single
ADC
channel)
CC
D
Max leakage
150C
—
—
250
nA
CC
D
Max positive/negative injection
–3
—
3
mA
V
A
V
A2
------------
C
P1
C
P2
+C
F
+
C
P1
C
P2
+C
F
C
S
++
--------------------------------------------------------
=
C
F
2048 C
S
•
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com