Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
86
NOTES:
1 Typical program and erase times represent the median performance and assume nominal supply values and operation at
25C. These values are characterized, but not tested.
2 For memory sizes greater than 1MB, and for blocks with less than or equal to 100 program/erase cycles, the user can apply
a 90% typical + 10% Init Max (25C or All Temps depending on temperature) for each unit (page or block) to calculate the total
program or erase time.
3 Initial Max 25C program and erase times provide guidance for time-out limits used in the factory and apply for less than or
equal to 100 program or erase cycles, 20C < Tj < 30C junction temperature, and nominal (+/- 2%) supply voltages. These
values are verified at production test.
4 Initial Max All Temps program and erase times provide guidance for time-out limits used in the factory and apply for less than
or equal to 100 program or erase cycles, -40C < Tj < 150C junction temperature, and nominal (+/- 2%) supply voltages. These
values are verified at production test.
5 Lifetime Max program and erase times apply across the voltage, temperature and cycling range of product life. This maximum
value is characterized but not tested.
6 Program times are actual hardware programming times and do not include software overhead.
7 Program times are actual hardware programming times and do not include software overhead.
8 Program times are actual hardware programming times and do not include software overhead.
Table 34. Flash memory environmental ratings
Symbol
Characteristic
Min
Typical
Max
Units
TA
Operating Ambient Temperature:
- Automotive
- Automotive with reduced functionality (slower read
performance (15% slower), higher currents, slower erase
when done at spec value (2x), and no program, erase or
margin reads allowed at greater than 150C).
- Consumer
-40
-40
-20
—
+125
+140
+70
C
TJ
Operating Junction Temperature:
- Automotive
- Automotive with reduced functionality (slower read
performance (15% slower), higher currents, slower erase
when done at spec value (2x), and no program, erase or
margin reads allowed at greater than 150C).
- Consumer
-40
-40
-20
—
+150
+165
+95
C
TS
Storage Ambient Temperature
- Automotive
- Automotive with reduced functionality
-40
-40
—
+150
+165
C
TMAX
Absolute maximum ambient temperature exposure, 30
seconds or less.
——
+250
C
TUV
Allowed time of exposure to UV light
—
—
0
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com