Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
87
3.16
SWG electrical characteristics
3.17
AC specifications
AC Parameters are specified over the full operating junction temperature range of -40°C to +165°C and
for the full operating range of the VDD_IO supply defined in Section 3.8, “DC electrical characteristics.”
Table 35. Flash memory module life general use specifications
Symbol
Characteristic
Conditions
Min
Typical
Units
Array P/E
Cycles
Number of program/erase cycles per
block for 16KB, 32KB and 64KB blocks.1
NOTES:
1 Program and Erase supported across standard temperature specs. See table Table 34.
-
100,000
—
P/E
Cycles
Number of program/erase cycles per
block for 256KB blocks.2
2 Program and Erase supported across standard temperature specs. See table Table 34.
-
1,000
100,000
P/E
Cycles
Data
Retention
Minimum data retention.
Blocks with
0-1,000 P/E cycles.
20
—Years
Blocks with
1,001 to 10,000 P/E cycles.
10
—
Years
Blocks with
10,001 to 100,000 P/E cycles.
5—
Years
Table 36. SWG electrical characteristics
Symbol
C
Parameter
Min
Max
Unit
SINAD
CC
C
Signal-to-noise ratio plus distortion
50
—
dB
FREQ
CC
T
Frequency Range of the sine wave
1
50
kHz
FRP
CC
T
Frequency precision of the sine wave
-5
5
%
APP
CC
T
Sine wave amplitude (peak to peak)
0.426
2.063
V
Load
CC
D
Load capacitance
25
100
pF
Current
CC
D
Output current
-
100
µA
TJ
CC
D
Junction Temperature
-40
165
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com