Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
71
Figure 19. Core supply decoupling and parasitics
CC
P
LVD_FLS
calibrated (trimmed)
2.93
3.05
3.13
V
CC
P
LVD_ADC
calibrated (trimmed)
2.93
3.05
3.13
V
CC
P
LVD_OSC
calibrated (trimmed)
2.93
3.05
3.13
V
CC
T
Hysteresis LVD_CORE
20
mV
CC
T
Hysteresis HVD_CORE
20
mV
CC
T
Hysteresis LVD_xxx
20
mV
CC
T
LVD/HVD trimming
16 steps
5
mV
Tj
CC
T
Junction Temperature
-40
—
165
°C
Table 18. Voltage regulator electrical specifications (continued)
Symbol
C
Parameter
Conditions
Min
Typ
Max
Unit
Rsn
Cld
10u
Lbw
Package
Die
Cpd
47n
Rbw
Cpd
47n
Lbw
Rbw
Lbw
Rbw
Rbw
Lbw
Cpd
47n
Cpd
47n
Rsd
Csd
VDD33_REG
BCTRL
Csn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com