Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
75
3.10
Temperature Sensor
The following table describes the temperature sensor electrical characteristics.
IDD_HV_ADV
4,5
CC
T Operating current
TJ =150 °C
4 ADCs operating at 80 MHz
VDD_HV_ADV =3.6 V
——
TBD
mA
CC
T
TJ =165 °C
4 ADCs operating at 80 MHz
VDD_HV_ADV =3.6 V
——
TBD
IDD_HV_ADRE
5
CC
T Operating current
TJ =150 °C
ADC operating at 80 MHz
VDD_HV_ADRE =3.6 V
——
TBD
mA
TJ =150 °C
TBD frequency6
ADC operating at 80 MHz
VDD_HV_ADRE =5.5 V
——
TBD
TJ =165 °C
ADC operating at 80 MHz
VDD_HV_ADRE =3.6 V
——
TBD
TJ =165 °C
TBD frequency6
ADC operating at 80 MHz
VDD_HV_ADRE =5.5 V
——
TBD
IDD_HV_OSC
CC
T Operating current
TJ =150 °C
3.3 V supplies
TBD frequency6
——
TBD
μA
TJ =165 °C
3.3 V supplies
TBD frequency6
——
TBD
IDD_HV_FLASH
CC
T Operating current
TJ =150 °C
3.3 V supplies
TBD frequency6
——
TBD
mA
TJ =165 °C
3.3 V supplies
TBD frequency6
——
TBD
NOTES:
1 The content of the Conditions column identifies the components that draw the specific current.
2 Enabled Modules in 'Typical mode':
two FlexCANs, ADC0/1, CTU, FlexPWM, three eTimers, three DSPIs, SWG, DMA,
STM, SWT, PIT (list subject to change). At maximum frequency. I/O supply current excluded.
3 Enabled Modules in 'Full mode': TBD. At maximum frequency. I/O supply current excluded.
4 Internal structures hold the input voltage less than VDD_HV_ADV + 1.0 V on all pads powered by VDDA supplies, if the
maximum injection current specification is met (3 mA for all pins) and VDDA is within the operating voltage specifications.
5 This value is the total current for four ADCs.
6 Maximum frequency is TBD (design target: 180 MHz or greater).
Table 23. Current consumption characteristics (continued)
Symbol
C
Parameter
Conditions1
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com