Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
77
Figure 6. Main oscillator electrical characteristics
×
Table 25. Main oscillator electrical characteristics
Symbol
C
Parameter
Conditions1
NOTES:
1 V
DD_HV_OSC = 3.3 V -5%,+±10%, TJ = –40 to +165 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
fXOSCHS
SR
—
Oscillator frequency
—
4.0
—
40.0
MHz
gmXOSCHS CC
P
Oscillator
transconductance
VDD_HV_OSC =3.3 V
–5%, +10%
TBD
TBD
TBD
mA/V
VXOSCHS
CC
D
Oscillation amplitude
fOSC = 4, 8, 10, 12, 16 MHz
TBD
V
fOSC =40MHz
TBD
VXOSCHSOP CC
D
Oscillation operating
point
—TBD
V
IXOSCHS
CC
D
Oscillator consumption
—
TBD
mA
TXOSCHSSU CC
T
Oscillator start-up time
fOSC = 4, 8, 10, 12 MHz
2
2 The recommended configuration for maximizing the oscillator margin are:
XOSC_MARGIN = 0 for 4 MHz quartz
XOSC_MARGIN = 1 for 8/16/40 MHz quartz
TBD
ms
fOSC = 16, 40 MHz
2
TBD
VIH
SR
—
Input high level CMOS
Schmitt Trigger
Oscillator bypass mode
TBD
V
VIL
SR
—
Input low level CMOS
Schmitt Trigger
Oscillator bypass mode
TBD
V
VXOSCHSOP
TXOSCHSSU
VXTAL
VXOSCHS
valid internal clock
90%
10%
1/fXOSCHS
MTRANS
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com