Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
79
3.13
Internal 16 MHz RC oscillator electrical characteristics
Table 27. FMPLL1 electrical characteristics
Symbol
C
Parameter
Conditions1
NOTES:
1 V
DD_LV =1.25 V ± 5%, TJ = -40 / 165
oC unless otherwise specified.
Value
Unit
Min
Typ
Max
fPLL1IN
SR
—
PLL1 input clock2
2 PLL1IN clock retrieved directly from either internal PLL0 or external FXOSC clock. Input characteristics are granted
when using internal PPL0 or external oscillator is used in functional mode.
—38
—
78
MHz
ΔPLL1IN
SR
—
PLL1 input clock duty
cycle2
—35
—
65
%
fPLL1VCO
CC
D
PLL1 VCO frequency
—
600
—
1250
MHz
fPLL1PHI0
CC
D
PLL1 output clock PHI0
—
4.76
—
625
MHz
tPLL1LOCK
CC
P
PLL1 lock time
—
—
—
100
µs
fPLL1MOD
CC
T
PLL1 modulation
frequency
—
—
—
250
kHz
|δPLL1MOD|
CC
T
PLL1 modulation depth
(when enabled)
Center spread
0.25
—
2
%
Down spread
0.5
—
4
%
IPLL1
CC
C
PLL1 consumption
FINE LOCK state
—
—
6
mA
Table 28. Internal RC Oscillator electrical specifications
(VDD_HV_PMU = 3.15 V to 3.6 V, VSS = 0 V, VDD_LV = 1.18 V to 1.32 V, VSS = 0 V, TJ = –40 / 165
oC)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
FTarget
CC
D
IRC target frequency
—
—
16
—
MHz
FUntrimmed
CC
D
IRC frequency (Untrimmed)
—
9.6
—
24
MHz
δFvar_noT
CC
P
IRC frequency variation without
temperature compensation1
NOTES:
1 Pending silicon characterization
TJ < 150
oC–8
—
+8
%
TJ < 165
oC
–10
—
+10
Tstartup
CC
T
Startup time without temperature
compensation1
——
5
µs
IVDD3
CC
T
Current consumption on 3.3V power
supply
After Tstartup
—
—
55
µA
IVDD12
CC
T
Current consumption on 1.2V power
supply
After Tstartup
——
270
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com