Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
Pinouts
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
13
VSS_HV_IO
Ground
High voltage Ground Supply for I/O
7
22
90
127
10
27
37
85
114
159
A1
A2
A16
A17
B1
B9
B17
C3
C15
D9
H2
N2
R3
R15
T1
T17
U1
U2
U16
U17
VDD_HV_PMU
VDD_HV_PMU_AUX
Power
PMU high voltage Supply
72
83
U14
VDD_HV_OSC0
Power
Power Supply for the oscillator
27
32
M1
VSS_HV_OSC0
Ground
Ground Supply for the oscillator
28
33
P1
VDD_HV_FLA0
Power
Decoupling supply pin for Flash
97
121
H16
VDD_HV_ADV0/1
Power
High voltage Supply for ADC, SWG(3.3V)
58
69
T10
VSS_HV_ADV0/1
Ground
High voltage Ground for ADC
59
70
U9
VDD_HV_AD0_VDDE
1
VDD_HV_ADRE0
VDD_HV_ADSW0
Supply
High voltage Supply for digital portion of
ADC pads
Voltage reference of ADC/TSENS
High voltage Supply for ADC and ADC pad
switches
50
58
R7
VSS_HV_AD0_VSSE
VSS_HV_ADRE0
VSS_HV_ADSW0
Ground
High voltage Ground for digital portion of
ADC pads
Voltage reference Ground of ADC/TSENS
High voltage Ground for ADC and ADC
pad switches
51
59
T7
VDD_HV_AD1_VDDE
2
VDD_HV_ADRE1
VDD_HV_ADSW1
Supply
High voltage Supply for digital portion of
ADC pads
Voltage reference of ADC/TSENS
High voltage Supply for ADC and ADC pad
switches
56
67
R9
Table 3. Power supply and reference voltage pins/balls
Supply
QFP
PBGA
Symbol
Type
Description
144LQFP
176LQFP
257MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com