Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
63
3.3
Recommended operating conditions
VSS_HV_OSC
SR
3.3 V crystal oscillator amplifier reference voltage
—
–0.1
0.1
V
VDD_HV_ADRE0
5
VDD_HV_ADRE1
SR
3.3 V / 5.0 V ADC_0 high reference voltage
3.3 V / 5.0 V ADC_1 high reference voltage
—–0.3
6.0
V
VSS_HV_ADRE0
VSS_HV_ADRE1
SR
ADC_0 ground and low reference voltage
ADC_1 ground and low reference voltage
—–0.1
0.1
V
VDD_HV_ADV
SR
3.3 V ADC supply voltage
—
–0.3
4.03, 4
V
VSS_HV_ADV
SR
3.3 V ADC supply ground
—
–0.1
0.1
V
TVDD
SR
Supply ramp rate
—
0.5
3.0 × 106
(3.0 V / s)
V/µs
VINA
SR
Voltage on analog pin with respect to ground
(VSS_HV_IOx)
—–0.3
6.0
V
VIN
SR
Voltage on any digital pin with respect to ground
(VSS_HV_IOx)
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx
+0.36
V
IINJPAD
SR
Injected input current on any pin during overload
condition
—–10
10
mA
IINJSUM
SR
Absolute sum of all injected input currents during
overload condition
—–50
50
mA
TSTG
SR
Storage temperature
—
–55
165
°C
NOTES:
1 Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device reliability
or cause permanent damage to the device.
2 Absolute maximum voltages are currently maximum burn-in voltages. Absolute maximum specifications for device stress
have not yet been determined.
3 5.3 V for 10 hours cumulative over lifetime of device, 3.3 V +10% for time remaining.
4 Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
5 V
DD_HV_ADRE0 and VDD_HV_ADRE1 cannot be operated at different voltages, and need to be supplied by the same voltage
source.
6 Only when V
DD_HV_IOx < 3.63 V.
Table 11. Recommended operating conditions (VDD_HV_xx = 3.3 V)
Symbol
Parameter
Conditions
Min
Max1
Unit
VDD_HV_PMU
SR 3.3 V voltage regulator supply voltage
—
3.15
3.6
V
VDD_HV_IOx
SR 3.3 V input/output supply voltage
—
3.15
3.6
V
VSS_HV_IOx
SR Input/output ground voltage
—
0
0
V
VDD_HV_FLA
SR 3.3 V flash supply voltage
—
3.15
3.6
V
VSS_HV_FLA
SR Flash memory ground
—
0
0
V
VDD_HV_OSC
SR 3.3 V crystal oscillator amplifier supply voltage
—
3.15
3.6
V
VSS_HV_OSC
SR 3.3 V crystal oscillator amplifier reference voltage
—
0
0
V
Table 10. Absolute maximum ratings1 (continued)
Symbol
Parameter
Conditions
Min
Max2
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com