Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
78
3.12
FMPLL electrical characteristics
Figure 7. PLL integration
Table 26. PLL0 electrical characteristics
Symbol
Parameter
Conditions1
NOTES:
1 V
DD_LV =1.25 V ± 5%, TJ = -40 / 165
oC unless otherwise specified.
Value
Unit
Min
Typ
Max
fPLL0IN
SR
—
PLL0 input clock2
2 PLL0IN clock retrieved directly from either internal RCOSC or external XOSC clock. Input characteristics are
granted when using internal RCOSC or external oscillator is used in functional mode.
—14
—
44
MHz
ΔPLL0IN
SR
—
PLL0 input clock duty
cycle2
—40
—
60
%
fPLL0VCO
CC
D
PLL0 VCO frequency
—
600
—
1250
MHz
fPLL0PHI0
CC
D
PLL0 output clock PHI0
—
4.76
—
625
MHz
fPLL0PHI1
CC
D
PLL0 output clock PHI1
—
20
—
156
MHz
tPLL0LOCK
CC
P
PLL0 lock time
—
—
—
100
µs
|ΔPLL0LTJ|
CC
T
PLL0 long term jitter
fPLL0IN = 8 MHz (reso-
nator)
,
fPLL0PHI0 = 40 MHz,
1µs
——
0.1
%
fPLL0PHI0 = 40 MHz,
13 µs
——
TBD
%
IPLL0
CC
C
PLL0 consumption
FINE LOCK state
—
—
5
mA
PLL0
PLL1
RCOSC
XOSC
PLL0_PHI1
PLL0_PHI0
PLL1_PHI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com