Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
74
3.9
Supply current characteristics
Current consumption data is given in Table 23. These specifications are design targets and are subject to
change per device characterization.
Table 23. Current consumption characteristics
Symbol
C
Parameter
Conditions1
Min
Typ
Max
Unit
IDD_LV_TYP
+IDD_LV_PLL
2
CC P Operating current
1.2 V supplies
TJ =150 °C
VDD_LV_COR =1.32V
—400 mA
TBD
mA
CC C
1.2 V supplies
TJ =165 °C
VDD_LV_COR =1.32V
—480 mA
—
IDD_LV_FULL
+IDD_LV_PLL
3
CC C Operating current
1.2 V supplies
TJ =150 °C
VDD_LV_COR =1.32V
——
570 mA
mA
CC
1.2 V supplies
TJ =165 °C
VDD_LV_COR =1.32V
——
660 mA
IDD_LV_BIST
+IDD_LV_PLL
CC
T Operating current
1.2 V supplies during LBIST
(full LBIST configuration)
TA =25 °C
VDD_LV_COR =1.32V
——
TBD
mA
CC
T
1.2 V supplies
TJ =150 °C
VDD_LV_COR =1.32V
——
TBD
CC
T
1.2 V supplies
TJ =165 °C
VDD_LV_COR =1.32V
——
TBD
IDD_LV_STOP
CC
T Operating current in
VDD STOP mode
TA =25 °C
VDD_LV_COR =1.32V
——
TBD
mA
CC
T
TJ =55 °C
VDD_LV_COR =1.32V
——
TBD
CC P
TJ =150 °C
VDD_LV_COR =1.32V
——
TBD
CC
T
TJ =165 °C
VDD_LV_COR =1.32V
——
TBD
IDD_LV_HALT
CC
T Operating current in
VDD HALT mode
TA =25 °C
VDD_LV_COR =1.32V
——
TBD
mA
CC
T
TJ =55 °C
VDD_LV_COR =1.32V
——
TBD
CC P
TJ =150 °C
VDD_LV_COR =1.32V
——
TBD
CC
T
TJ =165 °C
VDD_LV_COR =1.32V
——
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com