Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Pinouts
Freescale Semiconductor
12
VSS_LV
Ground
Low voltage ground. PLL Ground is also
connected to low voltage ground for core
logic on 144 LQFP (pin 35)..
17
35
40
71
94
96
132
137
22
42
48
82
118
120
164
169
G7
G8
G9
G10
G11
H7
H8
H9
H10
H11
J7
J8
J9
J10
J11
K7
K8
K9
K10
K11
L7
L8
L9
L10
L11
VDD_LV_PLL
Power
PLL low voltage Supply
36
43
P4
VSS_LV_PLL
Ground
PLL low voltage Ground
35
42
N4
VDD_HV_IO
Power
High voltage Power Supply for I/O.
6
21
91
126
9
26
36
84
115
158
A9
B2
B16
D8
D14
G2
M2
T2
T16
Table 3. Power supply and reference voltage pins/balls
Supply
QFP
PBGA
Symbol
Type
Description
144LQFP
176LQFP
257MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com