Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
Pinouts
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
47
J[7]
MSCR[151]
0000
(Default)
GPI[151]3
ADC2_ADC3_A
N[2]
SIUL2-GPI[151]
General Purpose Input J[7]
I
66
P10
0001
-
Reserved
-
-
0010-1111
-
Reserved
-
-
J[8]
MSCR[152]
0000
(Default)
GPIO[152]
SIUL2-GPIO[152]
General Purpose IO J[8]
I/O
95
119
G16
0001
ETC4
eTimer_2
eTimer_2 Input/Output Data
Channel 4
I/O
0010
ETC2
eTimer_2
eTimer_2 Input/Output Data
Channel 2
-
0011-1111
-
Reserved
-
-
IMCR[34]
0011
RXD
CAN2
CAN 2 Receive Pin
I
J[9]
MSCR[153]
0000
(Default)
GPIO[153]
SIUL2-GPIO[153]
General Purpose IO J[9]
I/O
16
20
K1
0001
ETC5
eTimer_2
eTimer_2 Input/Output Data
Channel 5
I/O
0010
NEX_RDY_B
NPC
Nexus data ready for transfer
(RDY_B)
O
0011-1111
-
Reserved
-
-
IMCR[39]
0010
EXT_IN
CTU_1
CTU_1 External Trigger Input
I
NOTES:
1 (Default) = ALT mode configuration after reset.
2 Changing B[5] configuration during debug might impact availability of TDI.
3 ADC analog input. Program corresponding MSCR APC bit and enable ADC to switch-on analog input path. See Table 13 for details.
4 Shared with SIPI LFAST transmit pad SIPI_TXP. Alternative modes and GPIO must be disabled (OBE=0, IBE=0) if port is used for
SIPI LFAST.
5 Sine Wave Generator (SWG) output if SWG is enabled. See Table 13 for details.
6 Shared with SIPI LFAST receive pad SIPI_RXP. Alternative modes and GPIO must be disabled (OBE=0, IBE=0) if port is used for
SIPI LFAST.
7 Shared with SIPI LFAST transmit pad SIPI_TXN. Alternative modes and GPIO must be disabled (OBE=0, IBE=0) if port is used for
SIPI LFAST.
8 Shared with SIPI LFAST receive pad SIPI_RXN. Alternative modes and GPIO must be disabled (OBE=0, IBE=0) if port is used for
SIPI LFAST.
Table 7. Pin Muxing (continued)
Port
Pin
SIUL2
MSCR/
IMCR
Number
MSCR/
IMCR
SSS
Value
Signal
Module
Short Signal Description
Dir



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com