Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
89
Figure 19. Noise filtering on reset signal
Table 38. Reset (EXT_POR, RESET) electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
VIH
SR — Input high level TTL
(Schmitt Trigger)
—
2.0
—
VDD_HV_IOx
+0.4
V
VIL
SR — Input low level TTL
(Schmitt Trigger)
—
–0.4
—
0.8
V
VHYS
3
CC C Input hysteresis TTL
(Schmitt Trigger)
—300
—
—
mV
IOL_R
CC P Strong pull-down current
Device under power-on reset
VDD_HV_IO =1.0 V,
VOL = 0.35*VDD_HV_IO
0.2
—
—
mA
Device under power-on reset
VDD_HV_IO =3.0 V,
VOL = 0.35*VDD_HV_IO
15
—
—
mA
WFRST SR P (EXT_POR, RESET)-input filtered
pulse
——
—
10
ns
WNFRST SR P (EXT_POR, RESET)-input not
filtered pulse
—100
—
—
ns
|IWPU|
CC P Weak pull-up current absolute value
RESET_B pin
VIN = 0 V
30
—
80
µA
|IWPD|
CC P Weak pull-down current absolute
value
EXT_POR pin
VIN = VDD_HV_IOx
30
—
80
µA
VEXT_POR
VIL
VIH
VDD_HV_IO
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
hw_rst
‘1’
‘0’
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com