Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
72
3.8
DC electrical characteristics
The following tables provide DC characteristics for bidirectional pads:
•
Table 20 provides output driver characteristics FlexRay I/Os (SYM).
•
Table 21 provides output driver characteristics for LFAST I/Os.
NOTE
Fast IOs must be specified only as fast (and not as high current). See
Table 22.
Table 20. FlexRay (SYM) configuration output buffer electrical characteristics1
NOTES:
1 Please refer to FlexRay section for parameter dedicated to this interface.
Symbol
C
Parameter
Conditions2
2 V
DD_HV_IOx = 3.3 V (–5%, +10%), TJ = –40 / 165 °C, unless otherwise specified
Value3
3 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
ROH_Y
CC
P PMOS output impedance
SYM configuration
Push Pull, IOH = 2 mA,
VOH = VDD_HV_IOx - (0.28...0.52 V)
35
50
65
Ω
ROL_Y
CC
P PMOS output impedance
SYM configuration
Push Pull, IOL = 2 mA,
VOL = 0.28...0.52 V
35
50
65
Ω
Fmax_Y CC
T Output frequency
SYM configuration
CL= 20pF
(3), V
DD_HV_IOx = 3.3 V
–5%, +10%
——
50
MHz
Ttr_Y
CC
T Transition time output pin
SYM configuration
CL = 20 pF
(3), V
DD_HV_IOx = 3.3 V
–5%, +10%
1—6
ns
|Tskew_Y| CC
T Difference between rise and
fall time
—0
—
1
ns
Table 21. LFAST output buffer electrical characteristics1
NOTES:
1 Please refer to LFAST section for parameter dedicated to this interface.
Symbol
C
Parameter
Conditions2
2 V
DD_HV_IOx = 3.3 V (–5%, +10%), TJ = –40 / 165 °C, unless otherwise specified
Value3
3 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
|ΔVO_L| CC T Absolute value for differential
output voltage swing
(terminated)
—
100
200
285
mV
VICOM_L CC T Common mode voltage
—
1.08
1.2
1.32
V
Ttr_L
CC T Transition time output pin
LVDS configuration
—
0.2
—
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com