Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
88
1.As measured from 50% of core side input to Voh/Vol of the output
2. Slew rate control modes.
Note: Data based on characterization results, not tested in production.
3.17.1
Reset pad (EXT_POR, RESET) electrical characteristics
The device implements a dedicated bidirectional RESET pin.
Figure 18. Start-up reset requirements
Table 37. Functional Pad AC Specifications
Symbol
C
Prop. Delay (ns)1
L>H/H>L
Rise/Fall Edge
(ns)
Drive Load
(pF)
ipp_sre[1:0]
Min
Max
Min
Max
MSB,LSB
I/O
(output)
CC
T
2.5/2.5
7.5/7.5
0.9.0.9
3/3
50
11
12/12
200
8/8
3.5/3.5
25
10
11.5/11.5
6.5/6.5
50
30/30
200
45/45
25/25
50
012
65/65
30/30
200
75/75
40/40
50
002
110/110
50/50
200
I/O
(input)
SR
—
1.5/1.5
0.5/0.5
0.5
NA
VIL
VDD_HV_IOx
device reset forced by EXT_POR
VDDMIN
EXT_POR
VIH
device start-up phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com