Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
73
Note:
1. Max power supply ramp rate is 100 V / ms
2. Measured when pad = 0 V
3. Measured when pad = VDDE
4. Measured when pad is sourcing 2 mA.
5. Measured when pad is sinking 2 mA.
6. Ioh/Iol is derived from spice simulations. These values are NOT guaranteed by test.
Table 22. DC Electrical Specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Vdd1
CC D LV (core) Supply Voltage
—
1.18
—
1.32
V
Vdde1
SR — I/O Supply Voltage
—
3.15
—
3.6
V
Vih
CC D CMOS Input Buffer High Voltage
(with hysteresis disabled)
—
0.55 * Vdde
—
Vdde + 0.3
V
Vil
CC D CMOS Input Buffer Low Voltage
(with hysteresis disabled)
—
Vss - 0.3
—
0.40 * Vdde
V
Vhys
CC D
CMOS Input Buffer Hysteresis
—
0.1 * Vdde
—
V
Pull_Ioh CC D Weak Pullup Current2
—
15
—
50
uA
Pull_Iol CC D Weak Pulldown Current3
—
15
—
50
uA
Iinact_d
CC D Digital Pad Input Leakage Current
(weak pull inactive)
—
-2.5
—
2.5
uA
Voh
CC D Output High Voltage4
—
0.8 * Vdde
—
-
V
Vol
CC D Output Low Voltage5
—-
—
0.2 * Vdde
V
Ioh_f
CC D Full drive Ioh6 (ipp_sre[1:0] = 11)
—
18
—
70
mA
Iol_f
CC D Full drive Iol6 (ipp_sre[1:0] = 11)
—
21
—
120
mA
Ioh_h
CC D Half drive Ioh6 (ipp_sre[1:0] = 10)
—
9
—
35
mA
Iol_h
CC D Half drive Iol6 (ipp_sre[1:0] = 10)
—
10.5
—
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com