Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
90
3.17.2
WKUP/NMI timing
3.17.3
Debug/JTAG/Nexus/Aurora timing
3.17.3.1
JTAG interface timing
NOTES:
1 V
DD_HV_IOx = 3.3 V -5%,+10%, TJ = –40 / 165 °C, unless otherwise specified
2 All values need to be confirmed during device validation.
3 Data based on characterization results, not tested in production
Table 39. WKUP/NMI glitch filter
No.
Symbol
Parameter
Min
Typ
Max
Unit
1WFNMI
D NMI pulse width that is rejected
—
—
20
ns
2WNFNMI D NMI pulse width that is passed
400
—
—
ns
Table 40. JTAG pin AC electrical characteristics1
NOTES:
1 These specifications apply to JTAG boundary scan only.
#
Symbol
C
Characteristic
Min
Max
Unit
1tJCYC
CC
D
TCK Cycle Time2
36
—
ns
2tJDC
CC
T
TCK Clock Pulse Width
40
60
%
3tTCKRISE
CC
D
TCK Rise and Fall Times (40% - 70%)
—
3
ns
4tTMSS, tTDIS
CC
D
TMS, TDI Data Setup Time
5
—
ns
5tTMSH, tTDIH
CC
D
TMS, TDI Data Hold Time
5
—
ns
6tTDOV
CC
D
TCK Low to TDO Data Valid
—
153
ns
7tTDOI
CC
C
TCK Low to TDO Data Invalid
0
—
ns
8tTDOHZ
CC
D
TCK Low to TDO High Impedance
—
15
ns
9tJCMPPW
CC
D
JCOMP Assertion Time
100
—
ns
10
tJCMPS
CC
D
JCOMP Setup Time to TCK Low
40
—
ns
11
tBSDV
CC
D
TCK Falling Edge to Output Valid
—
6004
ns
12
tBSDVZ
CC
D
TCK Falling Edge to Output Valid out of High Impedance
—
600
ns
13
tBSDHZ
CC
D
TCK Falling Edge to Output High Impedance
—
600
ns
14
tBSDST
CC
D
Boundary Scan Input Valid to TCK Rising Edge
15
—
ns
15
tBSDHT
CC
D
TCK Rising Edge to Boundary Scan Input Invalid
15
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com