Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 114 page
background image
Electrical characteristics
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
85
3.15
Flash memory electrical characteristics
Input (double
ADC
channel)
CC
D
Max leakage
150C
—
—
300
nA
CC
D
Max positive/negative injection
|Vref_ad0 - Vref_ad1| <
150 mV
–3.6
—
3.6
mA
SNR
CC
T
Signal-to-noise ratio
VREF = 3.3 V, Fin < 125 kHz
67
—
—
dB
SNR
CC
T
Signal-to-noise ratio
VREF = 5.0 V, Fin < 125 kHz
69
—
—
dB
THD
CC
T
Total harmonic distortion
@ 125 kHz
TBD
—
—
dB
SINAD
CC
T
Signal-to-noise and distortion
Fin < 125 kHz
65
—
—
dB
ENOB
CC
T
Effective number of bits
Fin < 125 kHz
10.5
—
—
bits
TUEIS1WINJ CC D Total unadjusted error for IS1WINJ
Without current injection
–6
—
6
LSB
TUEIS1WWINJ CC D Total unadjusted error for IS1WWINJ
Without current injection
–6
—
6
LSB
NOTES:
1 V
DD_HV_IOx = 3.3 V -5%,+10%, TJ = –40 to +165 °C, unless otherwise specified, and analog input voltage from VAGND to
VAREF.
2 AD_CK clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
3 During the sample time the input capacitance C
S can be charged/discharged by the external source. The internal resistance
of the analog source must allow the capacitance to reach its final voltage level within tsample. After the end of the sample time
tsample, changes of the analog input voltage have no effect on the conversion result. Values for the sample clock tsample depend
on programming.
4 This parameter does not include the sample time t
sample, but only the time for determining the digital result and the time to load
the result register with the conversion result.
5 See Figure 29.
6 For the 144-pin package
7 No missing codes
Table 33. Flash memory program and erase specifications
Symbol
Characteristic
Typ1,2
Initial Max
25C3
Initial Max
All Temps4
Lifetime
Max5
Unit
tdwprogram
Double Word (64 bits) Program Time6
25
100
—
500
μs
tpprogram
Page (256 bits) Program Time7
53
200
—
500
μs
tqprogram
Quad-Page (1024 bits) Program Time8
203
800
1,200
2,000
μs
t16kpperase
16 KB Block Pre-program and Erase Time
225
1,000
1,500
5,000
ms
t32kpperase
32 KB Block Pre-program and Erase Time
250
1,000
1,500
5,000
ms
t64kpperase
64 KB Block Pre-program and Erase Time
325
1,000
1,500
5,000
ms
t256kpperase
256 KB Block Pre-program and Erase Time
695
2,000
3,000
15,000
ms
tfactory256kp
perase
256 KB Block Factory pre-program and Erase
Time
510
1,500
2,250
n/a
ms
Table 32. ADC conversion characteristics (continued)
Symbol
C
Parameter
Conditions1
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com