Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
70
Table 18. Voltage regulator electrical specifications
Symbol
C
Parameter
Conditions
Min
Typ
Max
Unit
Cld
SR
—
External decoupling/
stability capacitor
Min, max values shall be granted
with respect to tolerance, voltage,
temperature, and aging variations.
10
—µF
SR
—
Combined ESR of
external capacitor
—0.03
—0.15
Ω
tSU
CC
Start-up time after main
supply stabilization
Cld =10 µF
—
—2.5
ms
Lbw
SR
—
Bonding inductance
13
nH
Rbw
SR
—
Bonding wire and pad
resistance
0.5
Ω
Rsd
SR
—
Series resistance of
on-chip power grid
0.1
Ω
Csd
SR
—
On-chip power grid to
ground capacitance
tbd
nF
Cpd
SR
—
Parallel decoupling
capacitor
per pin, no more than 300 nF total
47
nF
Rsn
SR
—
Snubber resistor for
stability
dep. on transistor
tbd
Ω
Csn
SR
—
Snubber capacitor for
stability
dep. on transistor
tbd
nF
—
SR
—
Power Supply Rejection
(Cld=10uF)
@DC no load
@200 kHz no load
@DC 400 mA
@200 kHz 400 mA
-23
-23
-23
-23
dB
dB
dB
dB
—
SR
—
Load current transient
Iload from 20% to 80%
Cld =10 µF
1.0
µs
—
CC
D
Supply ramp rate
VDD12_CORE
—
0.01
—
1
V/ms
—
CC
D
Supply Ramp Rate
VDD33_REG
—
25
—
1000
V/ms
—
CC
T
POR VDD12_CORE
0.98
1.02
1.08
V
CC
T
POR VDD33_REG
2.4
2.59
2.76
V
CC
P
LVD_CORE,
LVD_CORE_BK
calibrated (trimmed)
1.12
1.15
1.18
V
CC
P
HVD_CORE,
HVD_CORE_BK
calibrated (trimmed)
1.32
1.36
1.40
V
CC
P
LVD_REG
calibrated (trimmed)
2.93
3.05
3.13
V
CC
P
LVD_IO
calibrated (trimmed)
2.93
3.05
3.13
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com