Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
96
3.17.3.4
Nexus Aurora debug port timing
TSTRT_RX
CC
T
Receiver startup time5
——
4
µs
NOTES:
1 Conditions for these values are V
DD_HV_IOx = 3.3 V (–5%, +10%), TJ = –40 / 150 °C
2 All values need to be confirmed during device characterization.
3 Startup time is defined as the time taken by LVDS current reference block for settling bias current after its pwr_down
(power down) has been deasserted. LVDS functionality is guaranteed only after the startup time.
4 Startup time is defined as the time taken by LVDS transmitter for settling after its pwr_down (power down) has been
deasserted. Here it is assumed that current reference is already stable (see Bias start-up time). LVDS functionality
is guaranteed only after the startup time.
5 Startup time is defined as the time taken by LVDS receiver for settling after its pwr_down (power down) has been
deasserted. Here it is assumed that current reference is already stable (see Bias start-up time). LVDS functionality
is guaranteed only after the startup time.
Table 43. Nexus Aurora debug port timing
#
Symbol
C
Characteristic
Min
Max
Unit
1tREFCLK
CC
T
Reference clock frequency
625
1250
MHz
1a
tMCYC
CC
T
Reference Clock rise/fall time
—
400
ps
2tRCDC
CC
D
Reference Clock Duty Cycle
45
55
%
3JRC
CC
D
Reference Clock jitter
—
40
ps
4tSTABILITY CC
D
Reference Clock Stability
50
—
PPM
5
BER
CC
D
Bit Error Rate
—
10-12
—
6JD
CC
D
Transmit lane Deterministic Jitter
—
0.17
OUI
7JT
CC
D
Transmit lane Total Jitter
—
0.35
OUI
8SO
CC
T
Differential output skew
—
20
ps
9SMO
CC
T
Lane to lane output skew
—
1000
ps
10
OUI
CC
D
Aurora lane Unit Interval1
NOTES:
1 ± 100 PPM
400
400
ps
Table 42. Aurora LVDS driver specifications (continued)
Symbol
C
Parameter1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com