Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5744P Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
64
3.4
Thermal characteristics
VDD_HV_ADRE0
2
VDD_HV_ADRE1
SR 3.3 V / 5.0 V ADC_0 high reference voltage
3.3 V / 5.0 V ADC_1 high reference voltage
—
3.0 to 5.5
V
VDD_HV_ADV
SR 3.3 V ADC supply voltage
—
3.15
3.6
V
VSS_HV_ADRE0
2
VSS_HV_ADRE1
SR ADC_0 ground and low reference voltage
ADC_1 ground and low reference voltage
—0
0
V
VSS_HV_ADV
SR 3.3 V ADC supply ground
—
0
0
V
VDD_LV_COR
SR Core supply, 1.25 V +/-5%
—
1.19
1.32
V
VDD_LV_CORx
SR Internal supply voltage
—
—
—
V
VSS_LV_CORx
3
SR Internal reference voltage
—
0
0
V
VDD_LV_PLL
SR Internal PLL supply voltage
—
1.19
1.32
V
VSS_LV_PLL
3
SR Internal PLL reference voltage
—
0
0
V
VDD_LV_NEXUS SR Aurora LVDS supply voltage
—
1.19
1.32
V
VSS_LV_NEXUS SR Aurora LVDS supply ground
—
0
0
V
VDD_LV_LFAST
SR LFAST supply voltage
—
1.19
1.32
V
VSS_LV_LFAST
SR LFAST supply ground
—
0
0
V
TA
SR Ambient temperature under bias
fCPU ≤ TBD
3
–40
TBD
°C
TJ
SR Junction temperature under bias
—
–40
165
°C
NOTES:
1 Full functionality cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical characteristics
and I/Os DC electrical specification may not be guaranteed.
2 V
DD_HV_ADRE0 and VDD_HV_ADRE1 cannot be operated at different voltages, and need to be supplied by the same
voltage source.
3 Maximum frequency is TBD (design target: 180 MHz or greater).
Table 12. Thermal characteristics for 144 LQFP package1
NOTES:
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value Unit
RθJA
CC
D
Thermal resistance, junction-to-ambient natural
convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets
JEDEC specification for this package.
Single layer board – 1s
42
°C/W
Four layer board – 2s2p
34
RθJMA CC
D
Thermal resistance, junction-to-ambient forced
convection at 200 ft/min
Single layer board – 1s
34
°C/W
Four layer board – 2s2p
28
RθJB
CC
D
Thermal resistance junction-to-board3
—22
°C/W
RθJC
CC
D
Thermal resistance junction-to-case4
—8
°C/W
ΨJT
CC
D
Junction-to-package-top natural convection5
—3
°C/W
Table 11. Recommended operating conditions (VDD_HV_xx = 3.3 V) (continued)
Symbol
Parameter
Conditions
Min
Max1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com