Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 7 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 7 Page - ams AG

Back Button AS3668 Datasheet HTML 3Page - ams AG AS3668 Datasheet HTML 4Page - ams AG AS3668 Datasheet HTML 5Page - ams AG AS3668 Datasheet HTML 6Page - ams AG AS3668 Datasheet HTML 7Page - ams AG AS3668 Datasheet HTML 8Page - ams AG AS3668 Datasheet HTML 9Page - ams AG AS3668 Datasheet HTML 10Page - ams AG AS3668 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
7 - 60
AS3668
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VBAT = 3.6V, CBAT = CVCPOUT = 1µF, CFLY = 470nF, TAMB = -30ºC to +85ºC, typical values @ TAMB = +25ºC (unless
otherwise specified) .
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General Operating Conditions
VBAT
Supply Voltage
2.7
5.5
V
IVBAT
Standby supply current
SCL = 0V and GPIO = 0V
0.2
3
A
Normal Mode supply
current
SCL = VBAT and SDA = VBAT, no I2C communication
and no internal block enabled
10
A
Charge pump in 1x mode, no load, current source outputs
disabled
70
A
Charge pump in 2x mode, no load, current source outputs
disabled
2.5
mA
fOSC
Internal Oscillator
Frequency Accuracy
-10
+10
%
TAMB
Operating Temperature
1
-30
25
85
°C
Charge Pump
ROUT
Charge Pump Output
Resistance
Operating Mode 1:1
2
Ω
Operating Mode 1:2; VBAT = 3.0V
20
fSW
Switching Frequency
1
MHz
tON
VCP Turn-On Time
2
no load, current sources CURR1 - CURR4 deactivated
30
s
IOUT = 50mA, current sources CURR1 - CURR4
deactivated
40
s
Current Sources
ILEAK
Leakage Current
(LED1 to CURR4)
PWM = 0%
0.1
1
A
IMAX
Maximum Source Current
Outputs CURR1 to CURR4
25.5
mA
IOUT
Output Current Accuracy
Output Current set to 25.5 mA
-15
+15
%
IMATCH
Matching Accuracy
Output Current set to 25.5 mA
-10
+10
%
fLED
Switching Frequency
PWM mode with internal oscillator
122
Hz
Logic Interface
Logic Input SCL, SDA and GPIO/AUDIO_IN
VIL
Input Low Level
0.52
V
VIH
Input High Level
1.38
VBAT
V
IIN
Input Current
-1.0
1.0
A
VOLGPIO
Low Level Output voltage
Pin GPIO/AUDIO_IN at 4mA
0.2
V
VHYS
Hysteresis
0.1
V
fEXT
External PWM input
Only possible with GPIO/AUDIO_IN
1
MHz
Analogue Input
Analogue Audio Input GPI/AUDIO_IN
VAUDIO
Input Signal Level
2.5
VPEAK
RAUDIO_IN
Audio Input Resistance
Audio Preamplifier Gain = -6dB
400
k
Audio Preamplifier Gain = +20dB
60
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com