Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 36 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 36 Page - ams AG

Back Button AS3668 Datasheet HTML 32Page - ams AG AS3668 Datasheet HTML 33Page - ams AG AS3668 Datasheet HTML 34Page - ams AG AS3668 Datasheet HTML 35Page - ams AG AS3668 Datasheet HTML 36Page - ams AG AS3668 Datasheet HTML 37Page - ams AG AS3668 Datasheet HTML 38Page - ams AG AS3668 Datasheet HTML 39Page - ams AG AS3668 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
36 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Please mind that the settings for tr_CURR, tf_CURR, ton_CURR, toff_CURR and tp_CURR and the pulse count number in register multiple_pulse
are valid for all four current sinks at the same time. It is not possible to define individual time values for each current source differently to each
other. The only parameter which can differ from on current source to another is the current which can be configured in registers curr1_current,
curr2_current, curr3_current and curr4_current for each current source independently.
Figure 44. Multiple Pulse Mode - Example
8.10.3 Frame Mask Mode
An additional feature for creating unique LED lighting effects is the Frame Mask Mode. In order to use this mode there is no additional timing
parameter necessary. All the timing parameters described in Section 8.10.1 and Section 8.10.2 are also valid for this third mode and can be
combined together. There are no restrictions when using this mode together with Single- or Multiple Pulse Mode. For a better understanding how
this special mode works a timing diagram example can be found in Figure 45 below.
Figure 45. Multiple Pulse Mode - Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com