Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 47 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 47 Page - ams AG

Back Button AS3668 Datasheet HTML 43Page - ams AG AS3668 Datasheet HTML 44Page - ams AG AS3668 Datasheet HTML 45Page - ams AG AS3668 Datasheet HTML 46Page - ams AG AS3668 Datasheet HTML 47Page - ams AG AS3668 Datasheet HTML 48Page - ams AG AS3668 Datasheet HTML 49Page - ams AG AS3668 Datasheet HTML 50Page - ams AG AS3668 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Charge Pump
00h
Reg Control
cp_on
0: Charge Pump off
1: Charge Pump on
23h
CP Control
cp_auto_on
0: Manual CP Mode
1: automatic CP Mode
cp_start_debounce
0: 32ms debounce time
1: 240 s debounce time
cp_mode_switching
0: Automatic Mode
1: Manual Mode
cp_mode
0: 1:1 mode
1: 1:2 mode
cp_clk
0: 1MHz
1: 500kHz
Overtemperature Control
29h
Overtemp
Control
vmon_vbat<6:5>
0: ~2V - Shutdown Mode 01: 3.0V - Standby Mode
10: 3.15V - Standby Mode 11: 3.3V - Standby Mode
shutdown_enable
0: disable shutdown
1: enable shutdown
rst_ov_temp
ov_temp
ov_temp_on
0: temp supervision off
1: temp supervision on
Audio Control
40h
Audio AGC
agc_up_level
0: Normal AGC up
switching level threshold
1: AGC up switching
threshold increased
agc_down_level
0: Normal AGC down
switching level threshold
1: AGC down switching
threshold increased
decay_agc_down<4:3>
00: 0.131s 01: 0.262s
10: 0.393s 11: 0.524s
decay_agc_up<2:1>
00: 0.262s 01: 0.524s
10: 0.786s 11: 1.049s
agc_on
0: AGC switched off
1: AGC switched on
41h
Audio Input
Buffer
audio_dis_start
0: input cap precharge
1: no precharging
audio_man_start
0: auto precharge
1: manual precharge
audio_gain<5:1>
Controls the audio input gain from -6dB ... +25dB in 1dB steps
aud_buf_on
0: Audio Buffer off
1: Audio Buffer on
42h
Audio Control
audio_input_pin
0: GPIO
1: CURR4
pld_off
0: Pull down enabled
1: Pull down disabled
adc_characteristic
0: x*250mV (linear)
1: x*50mV (linear)
0: 75mV*2
x
(log)
1: 75mV*2
x
(log)
audio_decay<4:3>
00: 10ms 01: 20ms
10: 40ms 11: 80ms
audiosync_mode<2:0>
000: 4 LED bar code 001: 4 LED bar code with dimming
010: running LED bar code 011: running LED bar code with dimming 100: RGB
101: RGB with dimming 110: 4 LED parallel with dimming 111: -
43h
Audio Output
curr4_aud_en
0: CURR4 normal mode
1: CURR4 audio sync
curr3_aud_en
0: CURR3 normal mode
1: CURR3 audio sync
curr2_aud_en
0: CURR2 normal mode
1: CURR2 audio sync
curr1_aud_en
0: CURR1 normal
mode
1: CURR1 audio sync
Table 44. I2C Register Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com