Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 30 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 30 Page - ams AG

Back Button AS3668 Datasheet HTML 26Page - ams AG AS3668 Datasheet HTML 27Page - ams AG AS3668 Datasheet HTML 28Page - ams AG AS3668 Datasheet HTML 29Page - ams AG AS3668 Datasheet HTML 30Page - ams AG AS3668 Datasheet HTML 31Page - ams AG AS3668 Datasheet HTML 32Page - ams AG AS3668 Datasheet HTML 33Page - ams AG AS3668 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
30 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Although the GPIO/AUDIO_IN pin supports digital output as well for simple control exercises an external pull up resistor is mandatory. The pin is
not able to actively drive the signal line because there is no push/pull stage integrated. The internal pull down resistor is disabled in audio
synchronization mode.
For a detailed description of music playback synchronization please refer to chapter 8.9.
8.8.1
Unused General Purpose Input / Output
If the pin is not used it is recommended to connect it to ground.
8.8.2
GPIO Control Register .
.
8.9 Audio Input
The audio input pin GPIO/AUDIO_IN is shared with a general purpose input/output. It is possible to switch the operating mode of the pin from a
GPIO to an analogue audio input. This multiplexed audio input pin allows the AS3668 to do lighting effects depending on the audio content
connected to GPIO/AUDIO_IN.
The block diagram for the signal processing path is shown in Figure 41. The analogue audio signal is coupled into the pin GPIO/AUDIO_IN with
an external DC blocking capacitor. The integrated audio pre-amplifier with automatic gain control attenuates or amplifies the input signal to avoid
clipping inside the signal processing path and furthermore increase the dynamic range of the signal in case a very small signal is applied to
AS3668. The AGC of the preamplifier uses the audio gain defined in register audio_gain as start value and changes the gain in a range of +/-
3dB. The pre-amplified audio signal is then feed into an special analogue signal processing unit to create special lighting effects. Various settings
inside the signal processing unit allow the user to define different types fancy lighting effects. This processing unit it directly linked together with
the control logic for the four current sources of the device. Thus, besides the ordinary lighting pattern control of the current sources with register
settings, the outputs are directly controlled in audio mode from the audio signal processing unit.
Table 25. GPIO Control Register
0x06 GPIO Control Register
Bit
Bit Name
Default
Access
Bit Description
2
gpio_in_invert
0
R/W
This bit allows the user to invert input signal of GPIO/AUDIO_IN if the pin is
configured as digital input.
0: Non-inverted digital input GPIO/AUDIO_IN
1: Inverted digital input GPIO/AUDIO_IN
1
gpio_in_en
1
R/W
0: GPIO/AUDIO_IN pin is configured as analog input (audio mode)
1: GPIO/AUDIO_IN pin is configured as digital input (general purpose)
0
gpio_mode
0
R/W
0: GPIO/AUDIO_IN pin is configured as input
1: GPIO/AUDIO_IN pin is configured as output in open drain configuration
The pin requires an external pull up resistor
Table 26. GPIO Signal Register
0x08 GPIO Signal Register
Bit
Bit Name
Default
Access
Bit Description
0
gpio_in
0
R
The register is a read only register. The register is set to 1, if the pin GPIO/
AUDIO_IN is externally pulled high. The register is set to 0, if the pin is
connected to ground.
Table 27. GPIO Output Register
0x07 GPIO Output Register
Bit
Bit Name
Default
Access
Bit Description
0
gpio_out
0
R/W
This register is the output register if the pin GPIO/AUDIO_IN is configured as
output. Writing to the register changes the output state of the pin.
0: GPIO/AUDIO_IN pin low
1: GPIO/AUDIO_IN pin high (external pull-up resistor required)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com