Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 48 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 48 Page - ams AG

Back Button AS3668 Datasheet HTML 44Page - ams AG AS3668 Datasheet HTML 45Page - ams AG AS3668 Datasheet HTML 46Page - ams AG AS3668 Datasheet HTML 47Page - ams AG AS3668 Datasheet HTML 48Page - ams AG AS3668 Datasheet HTML 49Page - ams AG AS3668 Datasheet HTML 50Page - ams AG AS3668 Datasheet HTML 51Page - ams AG AS3668 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
48 - 60
AS3668
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
10 Application Information
10.1 LED Software Implementation Examples
10.1.1 Simple Breathlight Pattern with one LED
In this example we’d like to use CURR1 in pattern generation mode to create a simple breathlight pattern without continuous I2C traffic. This
helps to unload the calculation power from the CPU.
Figure 49. Simple Breathlight Pattern Example
The timing example shown in Figure 49 above, can be easily implemented with just a couple of I2C commands.
Table 45. Code Example Simple Breathlight Pattern
10.1.2 Dual Pulse Pattern with one LED
In this example we would like to use CURR1 in pattern generation mode to create a simple dual pulse pattern without continuous I2C traffic. This
helps again to unload the CPU.
Figure 50. Dual Pulse Pattern Example
The timing example shown in Figure 50 above, can be easily implemented with just a couple of I2C commands.
Register Name
Address
Write Value
Comments
CurrX Control
0x01
0x03
Enable CURR1 for pattern generation mode. Other
current sources are off
CURR1 Current
0x02
0x96
Set the output current of CURR1 to 15mA.
PWM Timing
0x16
0x55
Define Rise/Fall time with 0,77s
Pattern Timing
0x18
0x32
Define 0,15s on time and 4,21s off time
Start Control
0x1B
0x02
Start breathlight pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com