Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 25 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 25 Page - ams AG

Back Button AS3668 Datasheet HTML 21Page - ams AG AS3668 Datasheet HTML 22Page - ams AG AS3668 Datasheet HTML 23Page - ams AG AS3668 Datasheet HTML 24Page - ams AG AS3668 Datasheet HTML 25Page - ams AG AS3668 Datasheet HTML 26Page - ams AG AS3668 Datasheet HTML 27Page - ams AG AS3668 Datasheet HTML 28Page - ams AG AS3668 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
25 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 34. Reading n Bytes from AS3668
8.6.3
I²C Device Address Selection
The AS3668 features two I²C slave addresses without having a dedicated address selection pin. The selection of the I²C address is done with
the interconnection of AS3668 to the bus lines shown in Figure 35 below. The serial interface logic inside AS3668 is able to distinguish between
a direct I2C connection to the master or a second option where data and clock line are crossed. Therefore it is only possible to address a
maximum of two AS3668 slaves on one I²C bus.
Figure 35. I²C Address Selection Application Diagram
The I²C addresses for the devices in the different connection modes can be found in Table 22.
8.7 Operating Modes
Due to the reason that AS3668 has no dedicated enable or power - on pin the device is basically controlled with the I²C signal lines SDA and
SCL. If the voltages on these pins are less than VPOR_PERI for > tPOR_DEB and GPIO/AUDIO_IN input is low, the AS3668 is in shut down
mode with a minimized current consumption of IVBAT = 1 A (typ.). All blocks inside AS3668 are basically switched off except the power up reset
circuit is always active.
Table 22. I²C Addresses for AS3668
DEVICE Number
7 bit I²C address
8 Bit read address
8 Bit write address
1(default)
0x42
0x85
0x84
2
0x43
0x87
0x86
From Master to Slave
From Slave to Master
A
/A
P
A
S
First Data Byte
Second Data Byte
Slave Address
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
Not Acknowledge
from Master
0
1
0
Acknowledge
from Master
Acknowledge
from AS3668
R/W
1
AS3668 Registers
Autoincrement
Memory Word
Address
n Bytes
Autoincrement
to next address
Stop reading
DEVICE 1
DEVICE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com