Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 21 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 21 Page - ams AG

Back Button AS3668 Datasheet HTML 17Page - ams AG AS3668 Datasheet HTML 18Page - ams AG AS3668 Datasheet HTML 19Page - ams AG AS3668 Datasheet HTML 20Page - ams AG AS3668 Datasheet HTML 21Page - ams AG AS3668 Datasheet HTML 22Page - ams AG AS3668 Datasheet HTML 23Page - ams AG AS3668 Datasheet HTML 24Page - ams AG AS3668 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
21 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 26. VBAT Monitor Block Diagram
8.4.1
VBAT Monitor Registers .
8.5 Temperature Supervision
An integrated temperature sensor provides over-temperature protection for the AS3668. This sensor generates a flag if the device temperature
reaches the over temperature threshold of 140º. The threshold has a hysteresis to prevent oscillation effects.
If the device temperature exceeds the T140 threshold all current sources and the charge pump get disabled and the ov_temp flag is set. After
decreasing the temperature by THYST operation is resumed. Although the device resumes ordinary operation after a overtemperature event, the
register ov_temp keeps set to 1. Even a read operation from the register doesn’t reset the register. Therefore it’s necessary to use the register
rst_ov_temp to reset the overtemperature register ov_temp.
Table 18. VBAT Monitor Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VMON_VBAT
Register defined stand by
mode voltage
depending on register setting the voltage can be
configured
3.0V
3.3V
Table 19. Overtemperature Control / VBAT
Monitor Register
0x29 Overtemperature Control / VBAT Monitor Register
Bit
Bit Name
Default
Access
Bit Description
6:5
vmon_vbat
0
R/W
0: Device enters shutdown mode if VBAT voltage drops below ~2.0V
1: Device enters standby mode if VBAT voltage drops below 3.0V
2: Device enters standby mode if VBAT voltage drops below 3.15V
3:Device enters standby mode if VBAT voltage drops below 3.3V
4
shutdown_enable
1
R/W
This bit allows the user to disable the I2C shutdown feature. If the bit is set to
‘0’ both I2C signal lines can be low without shutting down AS3668.
0: disables the automatic shutdown of AS3668
1: enables the automatic shutdown of AS3668
2
rst_ov_temp
0
W
This register is a self clearing register. Write a ‘1’ to this register to clear
ov_temp.
1
ov_temp
0
R
This is a read only register and provides feedback about the junction
temperature of the chip. The bit is usually set if the junction temperature
reaches about 140°C.
0: Junction temperature OK
1: Junction Overtemperature
0
ov_temp_on
1
R/W
This bit allows the user the enable/disable the junction temperature
monitoring for AS3668.
0: Temperature supervision OFF
1: Temperature supervision ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com