Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 26 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 26 Page - ams AG

Back Button AS3668 Datasheet HTML 22Page - ams AG AS3668 Datasheet HTML 23Page - ams AG AS3668 Datasheet HTML 24Page - ams AG AS3668 Datasheet HTML 25Page - ams AG AS3668 Datasheet HTML 26Page - ams AG AS3668 Datasheet HTML 27Page - ams AG AS3668 Datasheet HTML 28Page - ams AG AS3668 Datasheet HTML 29Page - ams AG AS3668 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
26 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
If the voltage on the I²C signal lines is bigger than VPOR_PERI for a time frame longer than tPOR_DEB, the device changes it’s operation mode
from power off to standby mode. In this use state only the power on reset and the I²C block of the device is active with an average current
consumption of 10 A(typ.). The device changes its operating mode from standby to active mode automatically if one of the following blocks
inside AS3668 are activated:
Charge Pump
Current Source
Pattern Mode activated
External PWM mode via GPIO/AUDIO_IN
In addition to the I²C monitoring for startup of the device it is possible to power up AS3668 with GPIO/AUDIO_IN pin while the I²C signal lines are
low. this is a special use case which starts a predefined pattern on current source CURR1. For a detailed description please refer to chapter
8.7.1.
Besides the monitoring of the I²C signal lines there is also an additional feature which monitors the battery supply voltage VBAT. Basically there
are two voltage levels where this voltage monitoring becomes active. The first voltage VPOR_VBAT can be seen as a shut down and minimum
supply voltage of the device voltage which is fixed at 2V (typ.). The same voltage level is used for the power on reset circuit. If the battery voltage
drops below VPOR_VBAT the device automatically changes from active mode or standby mode to off mode. Besides the VPOR_VBAT level there
is a second VBAT monitoring voltage which can be activated in a register. This voltage VMON_VBAT is typically set to 3.4V (default register
setting) but can be reconfigured using the I²C interface down to 2.4V according to the requirements of an application. It is also possible to disable
the VBAT monitoring. The VPOR_VBAT monitoring can not be disabled.
Table 23. Truth Table for AS3668 operating modes
AS3668 Blocks
Off Mode
Standby Mode
Active Mode
Power On/Off Reset
enabled
enabled
enabled
I²C
disabled
enabled
enabled
Charge Pump
disabled
disabled
enabled/disabled depending on
register setting
Current Sources
disabled
disabled
enabled/disabled depending on
register setting
Pattern Mode
disabled
disabled
enabled/disabled depending on
register setting
External PWM
disabled
disabled
enabled/disabled depending on
register setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com