Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 42 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 42 Page - ams AG

Back Button AS3668 Datasheet HTML 38Page - ams AG AS3668 Datasheet HTML 39Page - ams AG AS3668 Datasheet HTML 40Page - ams AG AS3668 Datasheet HTML 41Page - ams AG AS3668 Datasheet HTML 42Page - ams AG AS3668 Datasheet HTML 43Page - ams AG AS3668 Datasheet HTML 44Page - ams AG AS3668 Datasheet HTML 45Page - ams AG AS3668 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
42 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Table 39. Pattern Multiple Pulse Register
0x19 Pattern Multiple Pulse Register
Bit
Bit Name
Default
Access
Bit Description
7:6
multiple_pulse
0
R/W
Defines the number of multiple pulses applied to all current sources at the
same time.
00: 1 pulse
01: 2 pulses
10: 3 pulses
11: 4 pulses
1:0
tp_led
0
R/W
These bits define the value of parameter tp_CURR. It defines the pause time
for multiple pulse mode in pattern generation mode.
00: 0ms
01: 150ms
10: 280ms
11: 540ms
Table 40. Pattern Frame Mask Register
0x1a Pattern Frame Mask Register
Bit
Bit Name
Default
Access
Bit Description
7:6
fmask_curr4
0
R/W
Defines the frames to be masked out in pattern generation mode for current
source CURR4.
00: No frame mask for CURR4
01: Mask 1 frame for CURR4
10: Mask 2 frames for CURR4
11: Mask 3 frames for CURR4
5:4
fmask_curr3
0
R/W
Defines the frames to be masked out in pattern generation mode for current
source CURR3.
00: No frame mask for CURR3
01: Mask 1 frame for CURR3
10: Mask 2 frames for CURR3
11: Mask 3 frames for CURR3
3:2
fmask_curr2
0
R/W
Defines the frames to be masked out in pattern generation mode for current
source CURR2.
00: No frame mask for CURR2
01: Mask 1 frame for CURR2
10: Mask 2 frames for CURR2
11: Mask 3 frames for CURR2
1:0
fmask_curr1
0
R/W
Defines the frames to be masked out in pattern generation mode for current
source CURR2.
00: No frame mask for CURR1
01: Mask 1 frame for CURR1
10: Mask 2 frames for CURR1
11: Mask 3 frames for CURR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com