Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 39 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 39 Page - ams AG

Back Button AS3668 Datasheet HTML 35Page - ams AG AS3668 Datasheet HTML 36Page - ams AG AS3668 Datasheet HTML 37Page - ams AG AS3668 Datasheet HTML 38Page - ams AG AS3668 Datasheet HTML 39Page - ams AG AS3668 Datasheet HTML 40Page - ams AG AS3668 Datasheet HTML 41Page - ams AG AS3668 Datasheet HTML 42Page - ams AG AS3668 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
39 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Table 36. PWM Control Register
0x16 PWM Timing Register
Bit
Bit Name
Default
Access
Bit Description
7:4
pwm_dim_speed_up
0x08
R/W
These bits define the value of tr_CURR which is the dim speed when
dimming up and down the current sources. The dim speed is valid for all
current sources at the same time.
0000: immediate
0001: 0.12s
0010: 0.25s
0011: 0.38s
0100: 0.51s
0101: 0.77s
0110: 1.0s
0111: 1.6s
1000: 2.1s
1001: 2.6s
1010: 3.1s
1011: 4.2s
1100: 5.2s
1101: 6.2s
1110: 7.3s
1111: 8.3s
3:0
pwm_dim_speed_down
0x08
R/W
These bits define the value of tr_CURR which is the dim speed when
dimming up and down the current sources. The dim speed is valid for all
current sources at the same time.
0000: immediate
0001: 0.12s
0010: 0.25s
0011: 0.38s
0100: 0.51s
0101: 0.77s
0110: 1.0s
0111: 1.6s
1000: 2.1s
1001: 2.6s
1010: 3.1s
1011: 4.2s
1100: 5.2s
1101: 6.2s
1110: 7.3s
1111: 8.3s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com