Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 40 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 40 Page - ams AG

Back Button AS3668 Datasheet HTML 36Page - ams AG AS3668 Datasheet HTML 37Page - ams AG AS3668 Datasheet HTML 38Page - ams AG AS3668 Datasheet HTML 39Page - ams AG AS3668 Datasheet HTML 40Page - ams AG AS3668 Datasheet HTML 41Page - ams AG AS3668 Datasheet HTML 42Page - ams AG AS3668 Datasheet HTML 43Page - ams AG AS3668 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
40 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Table 37. PWM Trigger Register
0x17 PWM Trigger Register
Bit
Bit Name
Default
Access
Bit Description
4
start_dim
0
R/W
This bit defines in PWM mode of the current sources if the outputs are
switched on/off directly or dimmed up/down using the timing of register
pwm_dim_speed_up.
0: direct on/off of current sources
1: logarithmic/linear - up/down dimming of current sources
3
dim_curr4
0
R
A register read of this register reflects the status of current source CURR4. If
the register returns 0, the current source is switched off. If the register
returns 1, the current source is switch on with the current defined in register
curr4_current.
0: Current Source CURR4 is switched off
1: Current Source CURR4 is switched on
W
A write to this register defines the target value for CURR4. If 0 is written to
this register CURR4 is switched off or dimmed down depending on register
start_dim. If 1 is written to this register CURR4 is switched on or dimmed up
depending on register start_dim. Mind that this setting is only effective if
CURR4 is configured to PWM mode in register curr4_mode.
0: Target value of CURR4 for dimming down or direct control
1: Target value of CURR4 for dimming up or direct control
2
dim_curr3
0
R
A register read of this register reflects the status of current source CURR3. If
the register returns 0, the current source is switched off. If the register
returns 1, the current source is switch on with the current defined in register
curr3_current.
0: Current Source CURR3 is switched off
1: Current Source CURR3 is switched on
W
A write to this register defines the target value for CURR3. If 0 is written to
this register CURR3 is switched off or dimmed down depending on register
start_dim. If 1 is written to this register CURR3 is switched on or dimmed up
depending on register start_dim. Mind that this setting is only effective if
CURR3 is configured to PWM mode in register curr3_mode.
0: Target value of CURR3 for dimming down or direct control
1: Target value of CURR3 for dimming up or direct control
1
dim_curr2
0
R
A register read of this register reflects the status of current source CURR2. If
the register returns 0, the current source is switched off. If the register
returns 1, the current source is switch on with the current defined in register
curr2_current.
0: Current Source CURR2 is switched off
1: Current Source CURR2 is switched on
W
A write to this register defines the target value for CURR2. If 0 is written to
this register CURR2 is switched off or dimmed down depending on register
start_dim. If 1 is written to this register CURR2 is switched on or dimmed up
depending on register start_dim. Mind that this setting is only effective if
CURR2 is configured to PWM mode in register curr2_mode.
0: Target value of CURR2 for dimming down or direct control
1: Target value of CURR2 for dimming up or direct control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com