Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 5 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 5 Page - ams AG

  AS3668 Datasheet HTML 1Page - ams AG AS3668 Datasheet HTML 2Page - ams AG AS3668 Datasheet HTML 3Page - ams AG AS3668 Datasheet HTML 4Page - ams AG AS3668 Datasheet HTML 5Page - ams AG AS3668 Datasheet HTML 6Page - ams AG AS3668 Datasheet HTML 7Page - ams AG AS3668 Datasheet HTML 8Page - ams AG AS3668 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
5 - 60
AS3668
Data Sheet - P i n A s s i g n m e n t s
4.1 Pin Description
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
VBAT
C2
Positive Power Supply Input for AS3668.
GND
D2
Signal and Power Ground. Provide a short, direct PCB path between this pin and the nega-
tive side of the output capacitor of the charge pump capacitor CVCPOUT.
SCL
B3
Serial Clock Input for the two wire I2C interface.
SDA
C3
Serial-Data I/O for I2C interface. This pin is a open drain digital I/O which requires a pull up
resistor for data transfer.
GPIO/AUDIO_IN
D3
General Purpose Input/Output or Audio Input. Depending on AS3668 configuration this
pin provided three different features. It can either be configured as general purpose input/
output
1
or as analogue audio input for music playback synchronization of AS3668 with an
audio source. Furthermore it is possible to use it as power up pin starting up with a default
PWM pattern sequence for LED1. If the pin is not used it is mandatory to connect it to
ground.
1. The output is an open-drain output only. Therefore an external Pull-Up resistors is required for output operation.
CURR1
B2
CURR1 Output. This pin is a current source output which can be used to operate a LED. The
current source is internally connected to VCP. If the AS3668 is powered up with GPIO/
AUDIO_IN pin this current source is active with a default PWM pattern.
CURR2
C1
CURR2 Output. This pin is a current source output which can be used to operate a LED. The
current source is internally connected to VCP.
CURR3
A1
CURR3 Output. This pin is a current source output which can be used to operate a LED. The
current source is internally connected to VCP.
CURR4
D1
CURR4 Output. This pin is a current source output which can be used to operate a LED. The
current source is internally connected to VCP.
VCP
B1
Charge Pump Output. This pin requires an external blocking capacitor. The capacitor must
be placed as close as possible to VCP terminal.
CP
A2
Charge Pump Flying Capacitor. This is the positive terminal for the charge pump flying
capacitor. The capacitor should be placed as close as possible to AS3668. In addition it is
mandatory to keep the signal trace between the capacitor and CP terminal as short as
possible.
CN
A3
Charge Pump Flying Capacitor. This is the negative terminal for the charge pump flying
capacitor. The capacitor should be placed as close as possible to AS3668. In addition it is
mandatory to keep the signal trace between the capacitor and CN terminal as short as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com