Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 13 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 13 Page - ams AG

Back Button AS3668 Datasheet HTML 9Page - ams AG AS3668 Datasheet HTML 10Page - ams AG AS3668 Datasheet HTML 11Page - ams AG AS3668 Datasheet HTML 12Page - ams AG AS3668 Datasheet HTML 13Page - ams AG AS3668 Datasheet HTML 14Page - ams AG AS3668 Datasheet HTML 15Page - ams AG AS3668 Datasheet HTML 16Page - ams AG AS3668 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
13 - 60
AS3668 2V0
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 16. Output current of CURRx vs. U(CURRx) with 25,5mA
CURRx output current
Figure 17. Output current of CURRx vs. U(CURRx) with 10mA
CURRx output current
-30
-20
-10
0
0
0,5
1
1,5
2
U
CURRx [V]
-15
-10
-5
0
0
0,5
1
1,5
2
U
CURRx [V]
Figure 18. Output current of CURRx vs. U(CURRx) with 1mA
CURRx output current)
Figure 19. Battery Current vs. VBAT with CP in 1:2 Mode (10mA,
30mA, 60mA
-1,5
-1
-0,5
0
0
0,5
1
1,5
2
U
CURRx [V]
0
20
40
60
80
100
120
140
2,5
3,5
4,5
5,5
V
BAT [V]
10mA CP load
30mA CP load
60mA CP load
Figure 20. CP efficiency vs. VBAT with automatic CP mode
switching
Figure 21. CP efficiency vs. ILOAD with automatic CP mode
switching
0
10
20
30
40
50
60
70
80
90
100
2,7
3,1
3,5
3,9
4,3
V
BAT [V]
60mA Load
30mA Load
10mA Load
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
I
LOAD [mA]
Vbat = 3.0V
Vbat = 3.3V
Vbat = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com