Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 19 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 19 Page - ams AG

Back Button AS3668 Datasheet HTML 15Page - ams AG AS3668 Datasheet HTML 16Page - ams AG AS3668 Datasheet HTML 17Page - ams AG AS3668 Datasheet HTML 18Page - ams AG AS3668 Datasheet HTML 19Page - ams AG AS3668 Datasheet HTML 20Page - ams AG AS3668 Datasheet HTML 21Page - ams AG AS3668 Datasheet HTML 22Page - ams AG AS3668 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
19 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.3 Power - On Reset
The AS3668 provides an power - on reset feature that is controlled by two different sources:
VBAT supply voltage
Serial interface state (SCL only)
If the internal VBAT supply voltage reset is forced, when the supply voltage VBAT of AS3668 drops below a predefined voltage, the device enters
shutdown mode. This predefined voltage is 2V (typ.) and is defined as VPOR_VBAT. Besides this hard wired voltage level where an internal reset
is forced to shut down the device, AS3668 supports an additional VBAT monitoring feature. This means that the designer can select according to
its application requirements a reset level which is appropriate for mobile Li-Ion battery powered applications. The use case for this second VBAT
monitoring is to make sure that if a mobile device switches off suddenly, at a dedicated voltage, to make sure that also AS3668 enters power
down mode. Otherwise unwanted LED effects could occur even if the digital system is not running any more. AS3668 allows the designer now to
set the VBAT monitoring level to the same voltage level the whole system is powering down. There’s no need any more for the CPU to reset or
power down AS3668 in a low battery case any more. The device can handle this use case automatically.
In addition to the VBAT voltage monitoring the device supports also a shut down function forced by the serial interface. If the voltage on the serial
interface pin SCL is below 1V (typ.) and GPIO/AUDIO_IN pin is low, the device forces a reset. To prevent the system against wrong resets
caused by electromagnetically influences there is also a debounce timer integrated with a typical debounce time of 100ms. This debounce time
is used for VBAT monitoring as well. If the serial interface monitoring is not supposed to be used in an application it is also possible to disable the
feature using the corresponding register bit.
Table 15. Current Control Register CURR4
0x05 Current Control Register
Bit
Bit Name
Default
Access
Bit Description
7:0
curr4_current
0
R/W
0000 0000: 0mA current output from source CURR4
0000 0001: 0.1mA current output from source CURR4
0000 0010: 0.2mA current output from source CURR4
0000 0011: 0.3mA current output from source CURR4
...
1111 1111: 25.5mA current output from source CURR4
Table 16. CURRx Low Voltage Status Register
0x2b Current Source Low Voltage Status Register
Bit
Bit Name
Default
Access
Bit Description
3
curr4_low_v
0
R
This is a read only register and returns 0 if the voltage on current source
CURR4 is ok. If the voltage drops below 200mV across the current source
the bit is set to 1.
0: CURR4 voltage is OK
1: CURR4 voltage is too low
2
curr3_low_v
0
R
This is a read only register and returns 0 if the voltage on current source
CURR3 is ok. If the voltage drops below 200mV across the current source
the bit is set to 1.
0: CURR3 voltage is OK
1: CURR3 voltage is too low
1
curr2_low_v
0
R
This is a read only register and returns 0 if the voltage on current source
CURR2 is ok. If the voltage drops below 200mV across the current source
the bit is set to 1.
0: CURR2 voltage is OK
1: CURR2 voltage is too low
0
curr1_low_v
0
R
This is a read only register and returns 0 if the voltage on current source
CURR1 is ok. If the voltage drops below 200mV across the current source
the bit is set to 1.
0: CURR1 voltage is OK
1: CURR1 voltage is too low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com